Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20 Datasheet(PDF) 2 Page - General Semiconductor

Part # BAS20
Description  Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS20 Datasheet(HTML) 2 Page - General Semiconductor

  BAS20 Datasheet HTML 1Page - General Semiconductor BAS20 Datasheet HTML 2Page - General Semiconductor BAS20 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BAS19, BAS20, BAS21
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
VF
1.0
1.25
V
V
Leakage Current
at VR = VRmax
at VR = VRmax; Tj = 150 °C
IR
IR
100
100
nA
µA
Dynamic Forward Resistance
at IF = 10 mA
rf
–5–
Capacitance
at VR = 0, f = 1 MHz
Ctot
––5pF
Reverse Recovery Time (see figures)
from IF = 30 mA through IR = 30 mA to IR = 3 mA,
RL = 100 Ω
trr
––50
ns
Thermal Resistance Junction to Ambient Air
RthJA
4302)
K/W
2) Device on fiberglass substrate, see layout.
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com