Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-05 Datasheet(PDF) 2 Page - General Semiconductor

Part # BAS70-05
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS70-05 Datasheet(HTML) 2 Page - General Semiconductor

  BAS70-05 Datasheet HTML 1Page - General Semiconductor BAS70-05 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings for one diode at 25 °C ambient temperature unless otherwise specified
BAS70 THRU BAS70-06
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
Tested with 10
µA Pulses
V(BR)R
70
––V
Leakage Current
Pulse Test tp < 300 µs
at VR = 50 V
IR
–
20
100
nA
Forward Voltage
Pulse Test tp < 300 µs
at IF = 1 mA
at IF = 15 mA
VF
VF
–
–
–
–
410
1000
mV
mV
Capacitance
at VR = 0 V, f = 1 MHz
Ctot
–1.5
2pF
Reverse Recovery Time
from IF = 10 mA through IR = 10 mA to IR = 1 mA
trr
––5ns
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4301)
K/W
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com