Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT17WS Datasheet(PDF) 1 Page - General Semiconductor

Part # BAT17WS
Description  SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT17WS Datasheet(HTML) 1 Page - General Semiconductor

  BAT17WS Datasheet HTML 1Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAT17WS
SCHOTTKY DIODES
FEATURES
¨ Low turn-on voltage
¨ Low capacitance
¨ Ultrafast switching
¨ Microminiature plastic package
¨ Single, double, and ring balanced mixer in
narrow-band receivers up to 1 GHz
¨ Detectors and fast switching up to 1 GHz
¨ Phase detectors
¨ Suitable for radios, TV, CTV, and hyperband tuners
¨ These diodes are also available in SOT-23 with type
designation BAT17, and SOD-123 with type
designation BAT17W
MECHANICAL DATA
Case: SOD-323 Plastic Package
Weight: approx. 0.004 g
Marking Code: L7
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Minimum Reverse Breakdown Voltage at 10
mAVR
4
Volts
Forward Current
IF
30
mA
Power Dissipation TC= 25¡C
Ptot
150 (NOTE 1)
mW
Maximum Leakage Current
at VR = 3V
IR
0.25
mA
at VR = 3V, Tamb = 60¡C
IR
1.25
mA
Maximum Forward Voltage
at IF = 10 mA
VF
600
mV
Maximum Diodes Capacitance
at VR = 0 V, f = 1 MHZ
CD
1.0
pF
Thermal Resistance Junction to Ambient Air
Rthja
650 (NOTE 1)
¡C/W
Junction Temperature
Tj
125
¡C
Storage Temperature Range
TS
-65 to + 150
¡C
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
min. .010 (0.25)
.012 (0.3)
.059 (1.5)
Cathode Mark
Top View
.043 (1.1)
SOD-323
2/1/99
Dimensions in inches and (millimeters)
ADVANCED INFORMATION
ADVANCED INFORMATION


Similar Part No. - BAT17WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAT17WS SEMTECH_ELEC-BAT17WS Datasheet
231Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
More results

Similar Description - BAT17WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com