Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 2 Page - General Semiconductor

Part # BAT54WS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT54WS Datasheet(HTML) 2 Page - General Semiconductor

  BAT54WS Datasheet HTML 1Page - General Semiconductor BAT54WS Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
tested with 100
µA Pulses
V(BR)R
30
–
–
Volts
Forward Voltage
Pulse Test tp < 300
µs, δ < 2%
at IF = 0.1mA
VF
–
–
240
mV
at IF = 1mA
VF
–
–
320
mV
at IF = 10mA
VF
–
–
400
mV
at IF = 30mA
VF
–
–
500
mV
at IF = 100mA
VF
–
–
1000
mV
Leakage Current
Pulse Test tp < 300
µs, δ < 2%
IR
––
2
µA
at VR = 25 V
Capacitance
at VF = 1 V, f = 1 MHz
Ctot
–
–
10
pF
Reverse Recovery Time
from IF = 10mA through
trr
––
5
ns
IR = 10 mA to IR = 1mA, RL = 100
Ω
Thermal Resistance Junction to Ambient Air
RthJA
–
–
6501)
°C/W
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
BAT54WS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com