Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH1602B3 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH1602B3
Description  Contour Drawing &Block Diagram
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH1602B3 Datasheet(HTML) 1 Page - DB Lectro Inc

  WH1602B3 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Interface Pin Function
Pin No. Symbol
Level
Description
1
VSS
0V
Ground
2
VDD
5.0V
Supply Voltage for logic
3
VO
(Variable) Operating voltage for LCD
4
NC
-
No connection
5
NC
-
No connection
6
NC
-
No connection
7
SA0
H/L
8
SA1
H/L
In IIC interface ,DB1(SA1) and DB0(SA0) are used
for Slave address, must be connect to VDD or VSS
9
NC
-
No connection
10
NC
-
No connection
11
NC
-
No connection
12
CSB
H/L
In IIC serial mode, used as chip selection input.
When CSB = “Low”, selected
When CSB = “High”, not selected.
( Low access enable )
13
SDA
H/L
serial input data
14
SCL
H/L
serial clock input
15
A
-
LED +
16
K
-
LED-
DOT SIZE
SCALE 5/1
0.55
0.6
2.95
0.6
3.55
K
A
LED B/L
13.5Max
8.9
1.6
40.55
16- 1.0 PTH
1.8
P2.54*15=38.1
8.0
75.0
2.5
7.55
12.45
4- 2.5 PTH
4- 5.0 PAD
16
4.95
1
80.0 0.5
66.0(VA)
56.2(AA)
71.2
CSB
12
15
16
14
13
A
K
SCL
SDA
Vss
1
7
11
10
8
9
4
6
5
3
2
NC
NC
Vo
Vdd
NC
SA0
SA1
NC
NC
NC
Contour Drawing &Block Diagram
DDRAM address
DDRAM address
6
1
5
1
d
e
t
a
c
o
l
r
e
t
c
a
r
a
h
C
4
1
2
1
1
1
3
1
10
4F
0F
4E
0E
4D
0D
4C
0C
4B
0B
4A
0A
49
09
48
08
47
07
46
06
45
05
44
04
43
03
42
02
41
01
40
00
MPU
SDA
SCL
IIC
Controller/Com Driver
16X2 LCD
Com1~16
Seg1~40
D
Seg Driver
M
CL1
CL2
Seg41~80
Vdd,Vss,V1~V5
Optional
Vdd
Vo
Vss
VR
10K~20K
External contrast adjustment.


Similar Part No. - WH1602B3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1602B DBLECTRO-WH1602B Datasheet
774Kb / 2P
5x8 dots includes cursor
WH1602B-Y-JCS DBLECTRO-WH1602B-Y-JCS Datasheet
427Kb / 17P
WP1602B-Y-JCS
WH1602B1 DBLECTRO-WH1602B1 Datasheet
563Kb / 1P
Contour Drawing &Block Diagram
More results

Similar Description - WH1602B3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1601B ETC1-AMC1601B Datasheet
20Kb / 1P
CONTOUR DRAWING & BLOCK DIAGRAM
AMC0802A ETC1-AMC0802A Datasheet
29Kb / 1P
CONTOUR DRAWING & BLOCK DIAGRAM
AMG24064A ETC1-AMG24064A Datasheet
21Kb / 1P
CONTOUR DRAWING & BLOCK DIAGRAM
logo
DB Lectro Inc
WEG010016B DBLECTRO-WEG010016B Datasheet
48Kb / 1P
Counter Drawing & Block Diagram
WEG010032A DBLECTRO-WEG010032A Datasheet
38Kb / 1P
Counter Drawing & Block Diagram
WEG012864D DBLECTRO-WEG012864D Datasheet
66Kb / 1P
Counter Drawing & Block Diagram
WEH000802A DBLECTRO-WEH000802A Datasheet
66Kb / 1P
Counter Drawing & Block Diagram
WEH001601A DBLECTRO-WEH001601A Datasheet
58Kb / 1P
Counter Drawing & Block Diagram
WEH001602C DBLECTRO-WEH001602C Datasheet
95Kb / 1P
Counter Drawing & Block Diagram
WH1602B1 DBLECTRO-WH1602B1 Datasheet
563Kb / 1P
Contour Drawing &Block Diagram
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com