Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH1602S Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH1602S
Description  5x8 dots includes cursor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH1602S Datasheet(HTML) 1 Page - DB Lectro Inc

  WH1602S Datasheet HTML 1Page - DB Lectro Inc WH1602S Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WH1602S
Gharacter 16x2
LED B/L
1. 5x8 dots includes cursor
2. Built-in controller (KS 0066 or Equivalent)
3. 1/16 duty cycle
4. +5V power supply
Item
Module Dimension
Viewing Area
Mounting hole
Character Size
2.45x4.67
50.0
52.0x15.0
59.0x29.3
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
7.0
-0.3
Vss
VDD
V
V
Unit
Symbol
Function
Pin
NO.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
VLED-
NC/VEE
DB0
RS
R/W
Vo
E
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Vdd
Vss
Supply voltage for logic
Operating voltage for LCD
H: read data L: write data
Chip enable signal
H: Data L: Instruction
Data bit 0
NC/Negative Voltage output
Power supply for B/L(-)
Ground
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
Item
Symbol
VDD
IDD
VDD-VO
LED Forward Voltage
LED Forward Current
EL Power Supply Current
IEF
IF
VF
Data bit 1
Data bit 2
Data bit 3
Data bit 4
Data bit 5
Data bit 6
Data bit 7
16
15
14
12 13
3
2
111
10
9
8
7
6
5
4
00
40
01 02
0F
0E
41 42
4E 4F
Standard Value
min.
typ.
max.
Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
VDD=+5V
Vel=110VAC;400Hz
Edge
V
mA
V
V
mA
mA
---
4.5
5.0
5.5
---
1.5
1.2
3.8
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
5.0
4.2
40
---
---
2-R1.25
5.5MAX
3.1
0.4
59±0.5
50.0
4.5
6.15
46.7(AA)
1.35
56.3(FRAME)
52.0(VA)
3.5
P1.27*15=9.52
10.8
16
1
DOT SIZE
SCALE 5/1
2.45
0.5
0.5
0.45
---
---
---
---
31


Similar Part No. - WH1602S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1602 ETC-WH1602 Datasheet
296Kb / 1P
CHARACTER 16 X 2
WH1602 ETC-WH1602 Datasheet
288Kb / 1P
CHARACTER 16 X 2
logo
Superworld Electronics
WH160200 SUPERWORLD-WH160200 Datasheet
140Kb / 3P
Linear Adaptors
logo
DB Lectro Inc
WH1602A DBLECTRO-WH1602A Datasheet
749Kb / 2P
5x8 dots includes cursor
WH1602B DBLECTRO-WH1602B Datasheet
774Kb / 2P
5x8 dots includes cursor
More results

Similar Description - WH1602S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com