Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21 Datasheet(PDF) 2 Page - General Semiconductor

Part # BAV21
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAV21 Datasheet(HTML) 2 Page - General Semiconductor

  BAV21 Datasheet HTML 1Page - General Semiconductor BAV21 Datasheet HTML 2Page - General Semiconductor BAV21 Datasheet HTML 3Page - General Semiconductor BAV21 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BAV19 THRU BAV21
Symbol
Min.
Typ.
Max.
Unit
Forward voltage at IF = 100 mA
VF
––1
V
Leakage Current
at VR = 100 V
BAV19
at VR = 100 V, Tj = 100 °C
BAV19
at VR = 150 V
BAV20
at VR = 150 V, Tj = 100 °C
BAV20
at VR = 200 V
BAV21
at VR = 200 V, Tj = 100 °C
BAV21
IR
IR
IR
IR
IR
IR
–
–
–
–
–
–
–
–
–
–
–
–
100
15
100
15
100
15
nA
µA
nA
µA
nA
µA
Dynamic Forward Resistance
at IF = 10 mA
rf
–5–
Ω
Capacitance
at VR = 0, f = 1 MHz
Ctot
–1.5
–pF
Reverse Recovery Time
from IF = 30 mA through IR = 30 mA to
IR = 3 mA; RL = 100 Ω
trr
––50
ns
Thermal Resistance
Junction to Ambient Air
RthJA
–
–
3751) 2)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com