Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH1602W Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH1602W
Description  5x8 dots includes cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH1602W Datasheet(HTML) 1 Page - DB Lectro Inc

  WH1602W Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WH1602W Character 16x2
1. 5x8 dots includes cursor
2. Built-in controller ST7066
3. + 5V power supply
4. 1/16 duty cycle
NO. Symbol
Description
Pin
VSS
VDD
VO
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A
K
Ground
Supply Voltage for logic
Operating voltage for LCD
H: DATA, L: Instruction code
H: Read(MPU→Module)
L: Write(MPU→Module)
Chip enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
LED +
LED -
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
WO1602F Character 16x2 dots
Item
Module Dimension
Viewing Area
Dot Size
Mounting hote
65.1x22.6
2.95x5.55
61.0x15.1
72.1x29.6x9.4
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
6.0
-0.3
V
V
Unit
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
Item
Symbol
VDD
IDD
VDD-VO
LED Forward Voltage
LED Forward Current
IF
VF
Standard Value
min.
typ.
max. Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
V
mA
V
V
V
---
---
---
4.75
5.0
5.25
0.5
1.0
0.7
4.5
---
---
4.1
---
---
---
---
---
---
---
4.8-
---
---
3.5
16
---
3.6
3.4
---
---
---
1. Built-in controller (ST7032)
2. 1/16 duty ,1/5 bias
3. +5V power supply
Character
type
Character
type
33
34
Unit
mm
mm
mm
mm
Dimension
80.0 x 36.0
66.0 x 16.0
75.0 x 31.0
2.95 x 5.55
Item
Module Dimension
Viewing Area
Mounting Hole
Character Size
Item
Power Supply
Input Voltage
Symbol
VDD-VSS
VI
Standard Value
min.
-0.3
-0.3
typ.
---
---
max.
7.0
VDD
Unit
V
V
Note: VSS=0 Volt , VDD=5.0 Volt .
Input Voltage
Supply Current
Recommended LC Driving
Voltage for Normal Temp.
Version module
LED Forward Voltage
LED Forward Current
Item
VDD
IDD
VDD-V0
VF
IF
Symbol
VDD=+5V
VDD=+5V
-20ºC
0ºC
25ºC
70ºC
25ºC
25ºC
Condition Standard Value
min.
4.5
1.0
4.9
4.5
4.1
3.5
--
--
typ.
5.0
1.2
5.2
4.8
4.4
4.0
--
--
max.
5.5
1.5
5.5
5.1
4.7
4.1
140
5.0
Unit
V
mA
V
V
mA
0.55
0.60
2.95
3.55
W=0.7±0.1
13.0
1.0±0.3
15.0±1.0
Contact Side
SCALE 2/1
(P1.0*13)
DOT SIZE
SCALE 5/1
0.55
0.60
2.95
3.55
56.2(AA)
61.0(VA)
69.5(LCD)
72.1(B\L)
5.4
4.1
1.1
2.7±0.2
6.3
1
20
(LCD)
STIFEENER
CONDUCTOR SIDE
0.3±0.15
21.0±1.0
(18.5)
ST7032i
(29.82)
(3.1)
"PROTECT TAPE"
ST7032i
9.4
P1.0*19=19.0
0.7
1.0
ST7032
"PROTECT TAPE"
0.3±0.15
CONDUCTOR SIDE
STIFEENER
(LCD)
2.7±0.2
DOT SIZE
SCALE 5/1
LED B/L
NO B/L
71.2
56.2(AA)
66.0(VA)
80.0±0.5
4.95
4-Ø2.5 PTH
4-Ø5.0 PAD
12.45
7.55
2.5
75.0
8.0
P2.54*15=38.1
1.8
16-Ø1.0 PTH
3.0
1.6
9.7 MAX
4.8
P2.54*15=38.1
8.0
16-Ø1.0 PTH
1.8
1.6
8.6
13.2Max
3.55
0.6
2.95
0.6
0.55
1
16
A
EL or NO B/L
K
A
16
1
K
A
LED B/L
SCALE 5/1
DOT SIZE


Similar Part No. - WH1602W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1602 ETC-WH1602 Datasheet
296Kb / 1P
CHARACTER 16 X 2
WH1602 ETC-WH1602 Datasheet
288Kb / 1P
CHARACTER 16 X 2
logo
Superworld Electronics
WH160200 SUPERWORLD-WH160200 Datasheet
140Kb / 3P
Linear Adaptors
logo
DB Lectro Inc
WH1602A DBLECTRO-WH1602A Datasheet
749Kb / 2P
5x8 dots includes cursor
WH1602B DBLECTRO-WH1602B Datasheet
774Kb / 2P
5x8 dots includes cursor
More results

Similar Description - WH1602W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com