Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 1 Page - General Semiconductor

Part # BAV20WS
Description  SMALL SIGNAL DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAV20WS Datasheet(HTML) 1 Page - General Semiconductor

  BAV20WS Datasheet HTML 1Page - General Semiconductor BAV20WS Datasheet HTML 2Page - General Semiconductor BAV20WS Datasheet HTML 3Page - General Semiconductor BAV20WS Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19WS THRU BAV21WS
SMALL SIGNAL DIODES
FEATURES
♦ Silicon Epitaxial Planar Diodes
♦ For general purpose
♦ These diodes are also available in other case styles
including: the DO-35 case with the type designations
BAV19 to BAV21, the Mini-MELF case with the type
designations BAV100 to BAV103, the SOT-23 case with
the type designation BAS19 - BAS21 and the SOD-123
case with the type designation BAV19W-BAV21W.
MECHANICAL DATA
Case: SOD-323 Plastic Case
Weight: approx. 0.004 g
Marking Code: BAV19WS=A8
BAV20WS=A81
BAV21WS=A82
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Continuous Reverse Voltage
BAV19WS
VR
100
Volts
BAV20WS
VR
150
Volts
BAV21WS
VR
200
Volts
Repetitive Peak Reverse Voltage
BAV19WS
VRRM
120
Volts
BAV20WS
VRRM
200
Volts
BAV21WS
VRRM
250
Volts
Forward DC Current at Tamb = 25 °C
IF
2501)
mA
Rectified Current (Average)
Half Wave Rectification with Resist. Load
Io
2001)
mA
at Tamb = 25 °C and f ≥ 50 Hz
Repetitive Peak Forward Current
at f
≥ 50 Hz, Θ = 180 °, Tamb = 25 °C
IFRM
625
1)
mA
Surge Forward Current at t < 1 s, Tj = 25 °C
IFSM
1
Amps
Power Dissipation at Tamb = 25 °C
Ptot
2001)
mW
Junction Temperature
Tj
1501)
°C
Storage Temperature Range
TS
–65 to + 1501)
°C
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
SOD-323
min. .010 (0.25)
.012 (0.3)
.059 (1.5)
Cathode Mark
Top View
.043 (1.1)
Dimensions are in inches and (millimeters)
12/11/98
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Rectron Semiconductor
BAV20WS RECTRON-BAV20WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS Datasheet
127Kb / 3P
Small-Signal Diodes
14-May-02
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com