Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW75 Datasheet(PDF) 2 Page - General Semiconductor

Part # BAW75
Description  Small-Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAW75 Datasheet(HTML) 2 Page - General Semiconductor

  BAW75 Datasheet HTML 1Page - General Semiconductor BAW75 Datasheet HTML 2Page - General Semiconductor BAW75 Datasheet HTML 3Page - General Semiconductor BAW75 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
BAW75
VF
at IF = 30mA
—
—
1
V
BAW76
at IF = 100mA
—
—
1
BAW75
VR = 25V
—
—
100
nA
Leakage Current
BAW75
IR
VR = 25V, Tj = 150°C
—
—
100
µA
BAW76
VR = 50V
—
—
100
nA
BAW76
VR = 50V, Tj = 150°C
—
—
100
µA
Reverse Breakdown Voltage
BAW75
V(BR)R
tested with 5µA pulses
35
—
—
V
BAW76
75
—
—
Capacitance
BAW75
Ctot
VF = VR = 0V
——
4
pF
BAW76
—
—
2
IF = 10mA, IR = 10mA
——
4
Reverse Recovery Time
trr
Irr = 1mA
ns
IF = 10mA, IR = 1mA
——
2
VR =6V, RL = 100
Ω
BAW75 and BAW76
Small-Signal Diodes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com