Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU0002C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RU0002C
Description  ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RU0002C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RU0002C Datasheet HTML 1Page - Solid States Devices, Inc RU0002C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 4/
Symbol
Typ
Max
Units
Maximum Forward Voltage Drop
5/
(IF = 200 mA)
(IF = 100 mA)
(IF = 50 mA)
(IF = 10 mA)
(IF = 5 mA)
(IF = 1 mA)
VF1
VF2
VF3
VF4
VF5
VF6
0.98
0.92
0.87
0.79
0.75
0.68
1.00
0.96
0.89
0.81
0.78
0.70
Volts
Maximum Reverse Leakage Current
5/
(VR = 125 V, TA = 25
oC)
(VR = 30 V, TA = 125
oC)
(VR = 125 V, TA = 125
oC)
(VR = 125 V, TA = 150
oC)
IR1
IR2
IR3
IR4
1.0
35
75
0.5
2.0
300
500
3
nA
nA
nA
µA
Max Junction Capacitance
(VR = 0 V, f = 1 MHz)
CJ
4
8
pF
REVERSE RECOVERY CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Reverse Recovery Time
(IF = 10 mA, IR = 10 mA, IM =1 mA)
trr
––
40
60
ns
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
5/ Pulsed
Available Part Numbers:
SDR3595A2GW
PIN ASSIGNMENT (Standard)
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Gullwing
C1
A1
C2
A2
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR3595A2GW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com