Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF821 Datasheet(PDF) 2 Page - General Semiconductor

Part # BF821
Description  Small Signal Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BF821 Datasheet(HTML) 2 Page - General Semiconductor

  BF821 Datasheet HTML 1Page - General Semiconductor BF821 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
BF821
at –IC = 100 µA, IE = 0
BF823
–V(BR)CBO
–V(BR)CBO
300
250
–
–
–
–
V
V
Collector-Emitter Breakdown Voltage
BF823
at –IC = 10 mA, IB = 0
–V(BR)CEO
250
–
–
V
Collector-Emitter Breakdown Voltage
BF821
at RBE = 2.7 kΩ, –IC = 10 mA
–V(BR)CER
300
–
–
V
Emitter-Base Breakdown Voltage
at –IE = 100 µA, IC = 0
–V(BR)EBO
5––
V
Collector-Base Cutoff Current
at –VCB = 200 V, IE = 0
–ICBO
––10
nA
Collector-Emitter Cutoff Current
at RBE = 2.7 kΩ, –VCE = 250 V
at RBE = 2.7 kΩ, –VCE = 200 V, Tj = 150 °C
–ICER
–ICER
50
10
nA
µA
Collector Saturation Voltage
at –IC = 30 mA, –IB = 5 mA
–VCEsat
––0.8
V
DC Current Gain
at –VCE = 20 V, –IC = 25 mA
hFE
50
–
–
–
Gain-Bandwidth Product
at –VCE = 10 V, –IC = 10 mA
fT
60
–
–
MHz
Feedback Capacitance
at –VCE = 30 V, –IC = 0, f = 1 MHz
Cre
––1.6
pF
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4301)
K/W
1) Device on fiberglass substrate, see layout
BF821, BF823
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com