Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR331-7-152 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-7-152
Description  SHIELDED SMD INDUCTOR DR331-7 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-7-152 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-7-152 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR331-7-152 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
October 28, 2011
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25°C
Inductance
DCR
I rms (A)
I sat (A)
SRF
Q Min
Part No.
H
(
) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-7-102
1.0 ± 20%
0.04
3
1.1
250
30 @200kHz, 0.1V
DR331-7-152
1.5 ± 20%
0.045
2.8
0.90
125
30 @200kHz, 0.1V
DR331-7-222
2.2 ± 20%
0.05
1.8
0.68
120
40 @200kHz, 0.1V
DR331-7-332
3.3 ± 20%
0.055
1.6
0.40
120.0
40 @200kHz, 0.1V
DR331-7-472
4.7 ± 20%
0.06
1.4
0.38
105.0
40 @200kHz, 0.1V
DR331-7-682
6.8 ± 20%
0.065
1.2
0.36
50.0
40 @200kHz, 0.1V
DR331-7-103
10 ± 20%
0.075
1
0.24
38.0
40 @200kHz, 0.1V
DR331-7-153
15 ± 20%
0.09
0.8
0.18
33.0
40 @100kHz, 0.1V
DR331-7-223
22 ± 20%
0.11
0.7
0.16
25
40 @100kHz, 0.1V
DR331-7-333
33 ± 20%
0.19
0.6
0.14
20
40 @100kHz, 0.1V
DR331-7-473
47 ± 20%
0.23
0.5
0.12
20.0
40 @100kHz, 0.1V
DR331-7-683
68 ± 20%
0.29
0.4
0.10
15.0
40 @100kHz, 0.1V
DR331-7-104
100 ±20%
0.48
0.3
0.04
10
40 @100kHz, 0.1V
DR331-7-154
150 ± 20%
0.59
0.26
0.04
9.0
40 @100kHz, 0.1V
DR331-7-224
220 ± 20%
0.9
0.22
0.04
6.0
40 @100kHz, 0.1V
DR331-7-334
330 ± 20%
1.4
0.2
0.04
5.0
40 @100kHz, 0.1V
DR331-7-474
470 ± 20%
1.8
0.19
0.04
4.0
40 @100kHz, 0.1V
DR331-7-684
680 ± 20%
2.2
0.18
0.02
3.0
40 @100kHz, 0.1V
DR331-7-105
1000 ± 20%
3.4
0.15
0.02
2.0
40 @100kHz, 0.1V
DR331-7-155
1500 ± 20%
4.2
0.12
0.02
2.0
50 @100kHz, 0.1V
DR331-7-225
2200 ± 20%
8.5
0.1
0.02
2.0
50 @100kHz, 0.1V
DR331-7-335
3300 ± 20%
11
0.08
0.02
1.0
50 @100kHz, 0.1V
DR331-7-475
4700 ± 20%
13.9
0.06
0.02
1.0
50 @100kHz, 0.1V
DR331-7-685
6800 ± 20%
25
0.04
0.02
1.0
50 @100kHz, 0.1V
DR331-7-106
10000 ± 20%
32.8
0.02
0.02
0.8
50 @100kHz, 0.1V
SHIELDED SMD INDUCTOR DR331-7 SERIES
Features
Inductance Range: 1.0µH to 10000µH
Operating Temp. -40°C to +85°C
Terminal Finish see Note 6


Similar Part No. - DR331-7-152

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-7-152 DATATRONICS-DR331-7-152 Datasheet
85Kb / 2P
SHIELDED SMD INDUCTOR
More results

Similar Description - DR331-7-152

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-1 SERIES
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-3 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR331-5 DATATRONICS-DR331-5_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR331-5 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
SMD INDUCTOR DR331-6 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
DR350-7 DATATRONICS-DR350-7_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-7 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com