Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

113BPC1M Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 113BPC1M
Description  1/4 ENCLOSED PHONE JACKS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

113BPC1M Datasheet(HTML) 1 Page - Switchcraft, Inc.

  113BPC1M Datasheet HTML 1Page - Switchcraft, Inc. 113BPC1M Datasheet HTML 2Page - Switchcraft, Inc. 113BPC1M Datasheet HTML 3Page - Switchcraft, Inc. 113BPC1M Datasheet HTML 4Page - Switchcraft, Inc. 113BPC1M Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Previous Page | Return to Index | Next Page
1/4" ENCLOSED PHONE JACKS
1. Series 11*
2. PC Terminal View*
3. Series N11*
click here to download a schematic drawing
(you will need to have Adobe Acrobat installed on your system to do this)


Similar Part No. - 113BPC1M

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
113B MERRIMAC-113B Datasheet
100Kb / 1P
POWER DIVIDERS / COMBINERS
logo
ITT Industries
113B02000 ITT-113B02000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
113B09000 ITT-113B09000 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
logo
List of Unclassifed Man...
113BH ETC2-113BH Datasheet
256Kb / 1P
VTB Process Photodiode
More results

Similar Description - 113BPC1M

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-66FX1 ADAM-TECH-MTJ-66FX1 Datasheet
127Kb / 1P
MODULAR TELEPHONE JACKS TOP ENTRY, ENCLOSED BODY - TYPE F
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
1/4 RIGHT-ANGLE PHONE JACKS
280 SWITCH-280 Datasheet
32Kb / 1P
1/4 COMMERCIAL PHONE PLUGS
220 SWITCH-220 Datasheet
26Kb / 1P
1/4 FLAT PLUG PHONE PLUGS
TR2A SWITCH-TR2A Datasheet
310Kb / 1P
SUBMINIATURE PHONE JACKS, TR2A AND TR1PC
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
List of Unclassifed Man...
NP3X-B ETC2-NP3X-B Datasheet
178Kb / 4P
1/4 Prof. Phone Plugs, X-Series
logo
Switchcraft, Inc.
RA49C14B SWITCH-RA49C14B Datasheet
177Kb / 1P
1/4 RIGHT ANGLE JACKS RA SEIRIES
logo
Neutrik AG
NP2X-B NEUTRIK-NP2X-B Datasheet
60Kb / 3P
2 pole 1/4" professional phone plug, gold contacts, black shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com