Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114BPC1M Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # 114BPC1M
Description  1/4 ENCLOSED PHONE JACKS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

114BPC1M Datasheet(HTML) 3 Page - Switchcraft, Inc.

  114BPC1M Datasheet HTML 1Page - Switchcraft, Inc. 114BPC1M Datasheet HTML 2Page - Switchcraft, Inc. 114BPC1M Datasheet HTML 3Page - Switchcraft, Inc. 114BPC1M Datasheet HTML 4Page - Switchcraft, Inc. 114BPC1M Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
.25 inch thick.
SERIES S11* - Same as Series 11*, except bushing has
.21 inch inside diameter. Smaller diameter protects against
accidental insertion of plugs with .25 inch diameter fingers.
ý NS11* - (SPECIAL ORDER ONLY) - Same as
Series N11*, except bushing is .21 inch inside diameter.
113BPC1M AND 114BPC1M - Versatile, 3-conductor 113BPC1M and 114BPC1M
feature springs which accept a wide variety of 1/4 inch plug designs. Self-aligning PC
terminals allow for easier insertion into a printed circuit board. Also feature a metric
thread mounting.
TWO CONDUCTOR PART NUMBERS
Solder Lug
Part Number
PC Terminals
Part Number
Description
Jack Schematic1
Typical
Mating Plug2
111
111PC
Open circuit
I
250
N111
N111PC
Insulated bushing
I
250
NL111
-
.375 " long insulated
bushing
I
250
112A
112APC
Single closed circuit
III
250
L112A
L112APC
.375" long bushing
III
250
N112A
N112APC
Insulated bushing
III
250
NL112A
-
.375" long insulated
bushing
III
250
113
113PC
Isolated "make" circuit
V
250
N113
-
Insulated bushing
V
250
ý 113D
113DPC
Transfer circuit (1-C)
VI 3
250
113E
113EPC
Isolated "break" circuit
IX
250
THREE CONDUCTOR PART NUMBERS
112B
112BPC
Double open circuit
IV
267



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com