Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2001B Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH2001B
Description  5x7 dots includes cursor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH2001B Datasheet(HTML) 1 Page - DB Lectro Inc

  WH2001B Datasheet HTML 1Page - DB Lectro Inc WH2001B Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
38
WH2001B
Gharacter 20x1
1. 5x7 dots includes cursor
2. Built-in controller (KS 0066 or Equivalent)
3. 1/16 duty cycle
4. +5V power supply
Item
Module Dimension
Viewing Area
Mounting hole
Character Size
149.0X23.0
172.0X32.0
1.152x1.765
180.0X40.0
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
7.0
-0.3
Vss
VDD
V
V
Unit
NO.
Symbol
Function
Pin
DB0
RS
R/W
A
K
Vo
E
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Vdd
Vss
Supply voltage for logic
Operating voltage for LCD
H: read data L: write data
Chip enable signal
H: Data L: Instruction
Data bit 0
Ground
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
Item
Symbol
VDD
IDD
VDD-VO
LED Forward Voltage
LED Forward Current
EL Power Supply Current
IEF
IF
VF
Data bit 1
Data bit 2
Data bit 3
Data bit 4
Data bit 5
Data bit 6
Data bit 7
LED+
LED--
Standard Value
min.
typ.
max.
Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
Vel=110VAC;400Hz
Array
Edge
V
mA
V
V
mA
mA
mA
---
4.5
5.0
5.5
---
1.5
5.7
1.2
1.0
3.2
3.4
50
4.2
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
5.0
3.5
60
3.6
75
---
---
---
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16
15
14
12 13
3
2
111
10
9
8
7
6
5
4
00 01 02
17 1819 20
0E 0F 10 11 12 13
PIN DETAIL
DOT SIZE
SCALE 2/1
EL or NO B/L
LED B/L
1.6
13.9 MAX
9.3
16-Ø1.0 PTH
16-Ø1.8 PAD
16
15
2
1
2.54
4.0
1.6
9.3 MAX
4.7
4-Ø3.5 PTH
4-Ø6.5 PAD
172.0
4.0
180±0.5
161.4
10.3
149(VA)
16.5
142.8(AA)
19.6
6.0
1.2
1.212
1.152


Similar Part No. - WH2001B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
Surface-mounted chip LED device
More results

Similar Description - WH2001B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com