Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175158 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 175158
Description  MaxiBridge Standardkabelkonfektionen
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

175158 Datasheet(HTML) 1 Page - ERNI Electronics

  175158 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1000
167374
167372
167369
1500
167370
2000
169143
8
200
26,78
169144
400
167371
500
169145
600
169146
800
2000
1000
167373
1500
Part
Number
Number of
conductors
Dim. L
Dim. A
169127
2
200
11,54
169128
400
167355
500
169129
600
169130
800
167356
1000
167357
1500
167358
2000
169131
3
200
14,08
169132
400
167359
500
169133
600
169134
800
167360
1000
167361
1500
167362
2000
169135
5
200
19,16
169136
400
167363
500
169137
600
169138
800
167364
1000
167365
1500
167366
2000
169139
6
200
21,7
169140
400
167367
500
169141
600
169142
800
167368
Kabeldaten
Physical characteristics of the cable
Drahtaufbau
conductors
AWG 20/7 (0,56mm²) Litzen verzinnt 20 AWG
7x28 (7x0,32mm²) tinned stranded copper
Approbationen
UL 1007/1569 TR64
max. Betriebstemperatur
max temperature rating
105°C
max. Betriebsspannung
max electrical voltage rating
300V
Außendurchmesser +/- 3%
Outer diameter
1,9mm
Biegeradius einmalig
bending radius static
10mm
Biegeradius wiederholt
bendind radius in motion
20mm
Part
Number
Number of
conductors
Dim. L
Dim. A
175152
4
200
16,62
175173
400
175154
500
175155
600
175156
800
175157
1000
175158
1500
175159
2000
Index
VERMAXI
MaxiBridge Standard Cable Assemblies
MaxiBridge Standardkabelkonfektionen
167356
Date
1.5:1
prior notice.
before using.
siehe LA
04.04.14
f
Information:
Tolerances
A3
Scale
All Dimensions
in mm
Designation
Subject to modification without
Drawing will not be updated.
I
Class
www.ERNI.com
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
contact one of the ERNI companies
Schabel
Pin 1
L 0
+5
C
C
Einzellitze: AWG20/7 PVC schwarz
Single wire AWG20/7 PVC black
Gehäuse schwarz
Black housing
15
Marking Pin 1
Section C-C


Similar Part No. - 175158

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751581 PHOENIX-1751581 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com