Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WH2004A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH2004A
Description  5x8 dots includes cursor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH2004A Datasheet(HTML) 1 Page - DB Lectro Inc

  WH2004A Datasheet HTML 1Page - DB Lectro Inc WH2004A Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
43
1.6
13.6 MAX
9.0
0.55
0.6
2.95
0.6
98.0±0.5
17.0
49.0
46.4
1
4-Ø2.5 PTH
4-Ø5.0 PAD
1
6
96.8
93.0
77.0(VA)
70.4(AA)
10.5
13.8
0.6
2.5
38.1
10.0
1
16-Ø1.0 PTH
16-Ø2.0 PAD
(P2.54*15)
16
(P1.0*15)
W=0.7
15.0
1.0
WH2004B
16
(P2.54*15)
16-Ø1.0 PTH
16-Ø2.0 PAD
1
10.0
38.1
2.5
0.6
13.8
10.5
70.4(AA)
77.0(VA)
93.0
96.8
4-Ø2.5 PTH
4-Ø5.0 PAD
98.0±0.5
LED B/L
SCALE 3/1
DOT SIZE
DB0
RS
R/W
Vss
Vo
Vdd
E
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A
K
Supply voltage for logic
Ground
Contrast Adjustment
H: read data L: write data
Enable signal
H: Data
L: Instruction
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Power supply for B/L(-)
+4.2V for LED
98.0x60.0x13.6
77.0x25.2
93.0x55.0
2.95x4.75
Symbol
Item
VDD
IDD
VDD-VO
IEF
IF
VF
Standard Value
min.
typ.
max.
Unit
Conditio
VDD=5V
-20ºC
25ºC
70ºC
25ºC
25ºC
VDD=+5V
Vel=110VAC;400Hz
Array
Edge
V
mA
V
V
mA
mA
mA
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
LED Forward Voltage
LED Forward Current
EL Power Supply Current
---
---
4.1
3.7
5.0
---
2.7
---
---
280
---
3.9
5.1
4.5
1.0
---
4.2
---
560
5.0
4.7
4.3
5.7
5.3
4.6
---
1.2
02
42
16
56
A
B


Similar Part No. - WH2004A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH2004A ETC-WH2004A Datasheet
642Kb / 1P
WINSTAR Professional LCD Module Manufacture
More results

Similar Description - WH2004A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com