Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-2403 Datasheet(PDF) 2 Page - Bud Industries, Inc.

Part # PA-2403
Description  Surface Shield Panels, PA, and PS Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

PA-2403 Datasheet(HTML) 2 Page - Bud Industries, Inc.

  PA-2403 Datasheet HTML 1Page - Bud Industries, Inc. PA-2403 Datasheet HTML 2Page - Bud Industries, Inc. PA-2403 Datasheet HTML 3Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PA-2403
5.25"
1.50
PA-1133
5.25"
1.12
PA-2404
7.00"
2.25
PA-1134
7.00"
1.75
PA-2405
8.75"
2.50
PA-1135
8.75"
2.00
PA-2406
10.50" 3.00
PA-1136
10.50" 2.50
PA-2407
12.25" 3.25
PA-1137
12.25" 2.75
PA-2408
14.00" 3.50
PA-1138
14.00" 3.25
PA-2409
15.75" 4.00
PA-1139
15.75" 3.62
PA-2410
17.50" 4.75
PA-1140
17.50" 4.00
PA-2411
19.25" 5.25
PA-1141
19.25" 4.25
PA-2412
21.00" 5.50
PA-1142
21.00" 5.00
Aluminum and Steel Panels
19" Steel 11 GA.
19" Aluminum 0.12" Thick
Catalog No. Drawings
Height Weight Lbs. Catalog
No.
Drawings
Height Weight Lbs.
PS-1250
1.75"
1.25
PA-1101
1.75"
.37
PS-1251
3.50"
2.25
PA-1102
3.50"
.75
PS-1252
5.25"
3.25
PA-1103
5.25"
1.12
PS-1253
7.00"
4.50
PA-1104
7.00
1.75
PS-1254
8.75"
6.00
PA-1105
8.75"
2.00
PS-1255
10.50" 7.00
PA-1106
10.50" 2.50
PS-1256
12.25" 8.25
PA-1107
12.25" 2.75
PS-1257
14.00" 9.50
PA-1108
14.00" 3.25
PS-1258
15.75" 10.75
PA-1109
15.75" 3.62
PS-1259
17.50" 11.75
PA-1110
17.50" 4.00
PS-1260
19.25" 13.00
PA-1111
19.25" 4.25
PS-1261
21.00" 14.25
PA-1112
21.00" 5.00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com