Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD101SC0SS0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD101SC0SS0F
Description  Photodiode for 12 x Speed Writing CD-R/RW power monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD101SC0SS0F Datasheet(HTML) 1 Page - Sharp Corporation

  PD101SC0SS0F Datasheet HTML 1Page - Sharp Corporation PD101SC0SS0F Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Notice)
•In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment
using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before
using any SHARP device.
•Specifications are subject to change without notice for improvement.
(Internet)
•Data for Sharp's optoelectronic/power devices is provided on internet. (Address http://sharp-world.com/ecg/)
(Unit:mm)
Photodiode for 12
× Speed Writing CD-R/RW power monitor
D1-010606
Outline Dimensions
Features
Applications
Specifications
( 1 ) CD-R drives
( 2 ) CD-RW drives
PD101SC0SS
Photodiode
As of June, 2001
( 1 ) High speed response
(Response frequency TYP. 400 MHz)
CD-R/RW : 12
× speed writing
( 2 ) High sensitivity ( Sensitivity TYP. 0.55 A/W )
( 3 ) Compact and thin package
(Package dimensions: 4.0
× 3.0 × 1.8 mm)
1/1
Under development
New product
Terminal
configuration
(Ta=25˚C)
1
2
Anode
Cathode
1
2
3.0
0.4
2-0.45
1.8
(2.54)
(1.7)
Internal connection diagram
Parameter
Short circuit current
Dark current
Sensitivity
Terminal capacitance
Peak sensitivity wavelength
Response frequency
Operating temperature
Condition
* Ev=100 lx
VR=5 V, Ev=0
λ= 780 nm
VR=5 V, f=1MHz
VR=5 V, RL=50
Ω, −3 dB
Symbol
Isc
Id
S
Ct
λp
fc
Topr
MIN.
360
0.4
200
−25
MAX.
1.0
0.63
85
Unit
nA
nA
A/W
pF
nm
MHz
˚C
TYP.
450
0.55
3.5
820
400
* Ev : Illuminance by CIE standard light source A (tungsten lamp)
Detector
Center


Similar Part No. - PD101SC0SS0F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD1015 ETC2-PD1015 Datasheet
129Kb / 1P
Twisted Multipair Cables Screened
PD1015 ETC-PD1015 Datasheet
128Kb / 1P
Twisted Multipair Cables
06/06/12 V1.1
logo
Multicomp Pro
PD1015 MULTICOMP-PD1015 Datasheet
144Kb / 1P
Twisted Multipair Cables Screened
02/09/20 V1.0
logo
Pro-Power
PD1015 PROPOWER-PD1015 Datasheet
128Kb / 1P
Twisted Multipair Cables Screened
06/06/12 V1.1
More results

Similar Description - PD101SC0SS0F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1027 PHILIPS-TZA1027 Datasheet
87Kb / 16P
Analog current buffer for CD-R and CD-RW systems
1999 Sep 17
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
PDIC for CD-R/RW
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
Control IC for CD-R/RW drive
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
logo
List of Unclassifed Man...
CXA2660N ETC1-CXA2660N Datasheet
54Kb / 2P
Optical Pickup Chipset Achieves the Industrys Fastest CD-R/RW Write Speed
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
Virtual keyboard CD R/RW
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
Virtual keyboard CD R/RW
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
CD-R/RW Media
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
ATAPI CD-R/RW Encoder/Decoder
July 1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com