Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT317 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # CT317
Description  SMD Current Sense Transformer CT317 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

CT317 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  CT317_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 27, 2012
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Schematic
8
7
1
3
7
8
1
2
3
4
5
6
.024
0,61
.010
0,25
.320 MAX
8,13
.157 MAX
4,00
.236 MAX
6,00
.073
1,85
.073
1,85
.050
1,27
.060
1,52
.120
3,05
.100
2,54
.106
2,69
.050
1,52
SUGGESTED PAD LAYOUT
CT317-XXX
SMD Current Sense Transformer CT317 Series
Features
Low Profile – Height: 4.0mm Max.
Primary Rated for 6 Amps RMS Max.
Operating Frequency Range: 10kHz to 1MHz
Temperature range –40°C to +130°C
Electrical Specifications @ 25°C
Tinned Leads with Leaded Solder is Available (note 6)
Datatronics
Part Number
Turns Ratio
(
 2%)
Inductance (1-3)
H
(TYP)
DCR (1-3)
(MAX)
Hipot Vrms
CT317-020
1:20
100
0.50
500
CT317-030
1:30
230
0.75
500
CT317-040
1:40
440
1.03
500
CT317-050
1:50
670
1.61
500
CT317-060
1:60
1000
1.98
500
CT317-070
1:70
1300
2.97
500
CT317-100
1:100
2800
5.36
500
CT317-125
1:125
4400
6.67
500
CT317-200
1:200
12200
33.24
500
Mechanical Outline:
Notes:
1.)
All dimensions are in inches/mm
Tolerance:
0.010/0,25 unless
otherwise specified
2.)
Inductance tested at 10 kHz, 0.1Vrms
3.)
Coplanarity: 0.004/0,102
4.)
Tape and reel quantity, 1200 pcs/reel
5.)
Terminating resistor (RT) calculated:
RT = (NTURNS / IPRI) * VREF
6.)
For Non-RoHS parts, replace CT
prefix with -42 e.g. CT317 becomes
42-317
7.)
Terminal finish compliant to RoHS
requirements. Solder in accordance
with J-STD-020D


Similar Part No. - CT317_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT317-100 DATATRONICS-CT317-100 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT317-125 DATATRONICS-CT317-125 Datasheet
82Kb / 1P
SMD Current Sense Transformer
More results

Similar Description - CT317_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT317-020 DATATRONICS-CT317-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT320-020 DATATRONICS-CT320-020 Datasheet
140Kb / 1P
SMD Current Sense Transformer
CT322-020 DATATRONICS-CT322-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100301 TRIAD-CSE5-100301 Datasheet
107Kb / 1P
SMD Current Sense Transformer
CSE5-100401 TRIAD-CSE5-100401 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100501 TRIAD-CSE5-100501 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100601 TRIAD-CSE5-100601 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100701 TRIAD-CSE5-100701 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-101251 TRIAD-CSE5-101251 Datasheet
107Kb / 1P
SMD Current Sense Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com