Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT320-070 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # CT320-070
Description  SMD Current Sense Transformer CT320 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

CT320-070 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  CT320-070 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July,11, 2011
Datatronic: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700
Fax: 951-928-7701
Email: ddisales@datatronics.com
Datatronic Ltd. 499 King's Road, Hong Kong Tel: (852) 2562-3858, (852) 2564-87-477 Fax: (852) 2565-7214, (852) 2563-1290
All specifications are subject to change without notice.
11
12
2
4
SCHEMATIC
SMD Current Sense Transformer CT320 Series
Features
Rated for 35 amps RMS Max.
Operating Frequency: 50kHz to 500kHz
Operating Temperature: –40°C to +130°C
Pick and Place Design
Tape and Reel Available
Tinned Leads with Leaded Solder is Available
(note 6)
Datatronics
Part Number
Turns Ratio
(
 2%)
Secondary
Inductance
(mH TYP)
Primary DCR
(mΩ TYP)
Secondary DCR
(Ω TYP)
HiPot
(Vrms)
CT320-020
1:20
0.30
0.28
1.40
500
CT320-030
1:30
0.66
0.28
2.10
500
CT320-040
1:40
1.20
0.28
2.80
500
CT320-050
1:50
2.00
0.28
3.50
500
CT320-060
1:60
3.00
0.28
4.20
500
CT320-070
1:70
3.90
0.28
4.90
500
CT320-100
1:100
7.50
0.28
7.00
500
CT320-125
1:125
12.00
0.28
8.75
500
CT320-200
1:200
29.00
0.28
14.00
500
.720
18,30
.024
0,61
.709 MAX
18,00
1
5
11
12
.594 Ref.
15,10
.100
2,54
.536
13,62
.570
14,48
.261
6,64
.287
7,30
.047
1,19
.100
2,54
SUGGESTED PAD LAYOUT
.559 MAX
14,20
1
5
6
10
.394 MAX
10,00
CT320-XXX
DATE
.530 MAX
13,46
.559 MAX
14,20
d
Notes:
1.) All dimensions are in inches/mm
Tolerance:
0.010/0,25 unless
otherwise specified
2.) Inductance tested at 10 kHz, 0.1Vrms
3.) Coplanarity: 0.004/0,102
4.) Packaging 600 pcs / carton
5.) Terminating resistor (RT) calculated:
RT = (NTURNS / IPRI) * VREF
6.) For Non-RoHS parts, replace CT
prefix with -42 e.g. CT320 becomes
42-320
7.) Terminal finish compliant to RoHS
requirements. Solder in accordance
with J-STD-020D
Mechanical Specifications


Similar Part No. - CT320-070

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT320-070 DATATRONICS-CT320-070 Datasheet
140Kb / 1P
SMD Current Sense Transformer
More results

Similar Description - CT320-070

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT317-020 DATATRONICS-CT317-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT320-020 DATATRONICS-CT320-020 Datasheet
140Kb / 1P
SMD Current Sense Transformer
CT322-020 DATATRONICS-CT322-020 Datasheet
82Kb / 1P
SMD Current Sense Transformer
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
SMD Current Sense Transformer
logo
TRIAD MAGNETICS
CSE5-100301 TRIAD-CSE5-100301 Datasheet
107Kb / 1P
SMD Current Sense Transformer
CSE5-100401 TRIAD-CSE5-100401 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100501 TRIAD-CSE5-100501 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100601 TRIAD-CSE5-100601 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-100701 TRIAD-CSE5-100701 Datasheet
106Kb / 1P
SMD Current Sense Transformer
CSE5-101251 TRIAD-CSE5-101251 Datasheet
107Kb / 1P
SMD Current Sense Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com