Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G53 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC2G53
Description  SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G53_14 Datasheet HTML 1Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 2Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 3Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN74LVC2G53
www.ti.com
SCES324N – JULY 2001 – REVISED JANUAY 2014
Analog Switch Characteristics
TA = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
120
fin = sine wave
3 V
190
(see Figure 6)
4.5 V
215
Frequency response
COM or Y
Y or COM
MHz
(switch on)
1.65 V
>300
CL = 5 pF, RL = 50 Ω,
2.3 V
>300
fin = sine wave
3 V
>300
(see Figure 6)
4.5 V
>300
1.65 V
–58
CL = 50 pF, RL = 600 Ω,
2.3 V
–58
fin = 1 MHz (sine wave)
3 V
–58
(see Figure 7)
4.5 V
–58
Crosstalk(1)
COM or Y
Y or COM
dB
(between switches)
1.65 V
–42
CL = 5 pF, RL = 50 Ω,
2.3 V
–42
fin = 1 MHz (sine wave)
3 V
–42
(see Figure 7)
4.5 V
–42
1.65 V
35
CL = 50 pF, RL = 600 Ω,
2.3 V
50
Crosstalk
INH
COM or Y
fin = 1 MHz (square wave)
mV
(control input to signal output)
3 V
70
(see Figure 8)
4.5 V
100
1.65 V
–60
CL = 50 pF, RL = 600 Ω,
2.3 V
–60
fin = 1 MHz (sine wave)
3 V
–60
(see Figure 9)
4.5 V
–60
Feedthrough attenuation
COM or Y
Y or COM
dB
(switch off)
1.65 V
–50
CL = 5 pF, RL = 50 Ω,
2.3 V
–50
fin = 1 MHz (sine wave)
3 V
–50
(see Figure 9)
4.5 V
–50
1.65 V
0.1
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025
fin = 1 kHz (sine wave)
3 V
0.015
(see Figure 10)
4.5 V
0.01
Sine-wave distortion
COM or Y
Y or COM
%
1.65 V
0.15
CL = 50 pF, RL = 10 kΩ,
2.3 V
0.025
fin = 10 kHz (sine wave)
3 V
0.015
(see Figure 10)
4.5 V
0.01
(1)
Adjust fin voltage to obtain 0 dBm at input.
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
9
10
10
12
pF
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :SN74LVC2G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com