Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339MX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP339MX
Description  Ultra-Low Power Quad Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP339MX Datasheet(HTML) 4 Page - Texas Instruments

  LP339MX Datasheet HTML 1Page - Texas Instruments LP339MX Datasheet HTML 2Page - Texas Instruments LP339MX Datasheet HTML 3Page - Texas Instruments LP339MX Datasheet HTML 4Page - Texas Instruments LP339MX Datasheet HTML 5Page - Texas Instruments LP339MX Datasheet HTML 6Page - Texas Instruments LP339MX Datasheet HTML 7Page - Texas Instruments LP339MX Datasheet HTML 8Page - Texas Instruments LP339MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics (Continued)
Note 9: Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the compara-
tor will provide a proper output state. The low input voltage state must not be less than −0.3 VDC (or 0.3 VDC below the magnitude of the negative power supply, if
used) at TA=25˚C.
Note 10: At output switch point, VO=1.4V, RS=0Ω with V
+ from 5 V
DC; and over the full input common-mode range (0 VDC to V
+−1.5 V
DC).
Note 11: For input signals that exceed V+, only the overdriven comparator is affected. With a 5V supply, VIN should be limited to 25V maximum, and a limiting resistor
should be used on all inputs that might exceed the positive supply.
Note 12: The output sink current is a function of the output voltage. The LP339 has a bi-modal output section which allows it to sink large currents via a Darlington
connection at output voltages greater than approximately 1.5 VDC and sink lower currents below this point. (See typical characteristics section and applications sec-
tion).
Typical Performance Characteristics
Supply Current
DS005226-35
Input Current
DS005226-36
Output Sink Current
DS005226-37
Output Sink Current
DS005226-38
Response Times for
Various Input
Overdrives —
Negative Transition
DS005226-39
Response Times for
Various Input
Overdrives —
Positive Transition
DS005226-40
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com