Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR006 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SCR006
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR006 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SCR006 Datasheet HTML 1Page - Solid States Devices, Inc SCR006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Low-Level Gate Characteristics
• IGT = 200 µA (Max) @ 25oC
• Low Holding Current IH = 1 mA (Max) @ 25oC
• Anode Common to Case
• Hermetically Sealed
• TX, TXV, S-Level Screening Available. Consult
Factory
SFS2510 thru SFS2540
25 AMPS
100 ─ 400 VOLTS
FAST SWITCHING
SILICON CONTROLLED
RECTIFIER
TO-48
MAXIMUM RATINGS
(TJ = 25
oC UNLESS OTHERWISE NOTED, RGK = 1K Ω)
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS2510
SFS2520
SFS2525
SFS2530
SFS2540
VDRM
VRRM
100
200
250
300
400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t ≤ 5.0 ms)
SFS2510
SFS2520
SFS2525
SFS2530
SFS2540
VRSM
150
300
350
400
500
Volts
RMS On-State Current
(All Conduction Angles)
IT (RMS)
35
Amps
Average On-State Current
TC = 50
oC
IT (AV)
25
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz, TJ = 120
oC, t = 8.3 ms)
ITSM
210
Amps
Peak Gate Power
PGM
60
Watts
Average Gate Power
PG (AV)
1.0
Watts
Peak Gate Current
IGM
10
Amps
Peak Gate Voltage
VGM
15
Volts
Operating Junction Temperature Range
TJ
-65 to +135
oC
Storage Temperature Range
Tstg
-65 to +150
oC
Thermal Resistance, Junction to Case
RθJC
1.45
oC/W


Similar Part No. - SCR006

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR006 SSDI-SCR006_15 Datasheet
147Kb / 2P
FAST SWITCHING SILICON CONTROLLED RECTIFIER
More results

Similar Description - SCR006

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com