Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCR008 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SCR008
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SCR008 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SCR008 Datasheet HTML 1Page - Solid States Devices, Inc SCR008 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• High Surge Current
• High On State Current
• High Frequency up to 400 Hz operation
• Anode Common to Case
• Hermetically Sealed
• Replacement for part number 2N884 thru 2N889
and 2N876 thru 2N881 devices.
• TX, TXV, S-Level Screening Available. Consult
Factory
SFS884 thru SFS889
20 AMPS
15 ─ 200 VOLTS
SILICON CONTROLLED
RECTIFIER
TO-18
MAXIMUM RATINGS
(TJ = 25
oC UNLESS OTHERWISE NOTED, RGK = 1K Ω)
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS884
SFS885
SFS886
SFS887
SFS888
SFS889
VDRM
VRRM
15
30
60
100
150
200
Volts
Average On-State Current
Ta = 30
oC
Ta = 100ºC
IF (AV)
0.5
0.35
Amps
Peak Recurrent Surge Current
(Ta ≤ 100
oC, tp = 0.2 ms, duty cycle = 0.1 % )
IFSR
20
Amps
Peak Gate Current
IGM
250
mA
Peak Gate Voltage
VGM
5
Volts
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
Tstg
-65 to +150
oC
PACKAGE OUTLINE:
TO-18
Ø.195
.178
.210
.170
.500 MIN
Ø.230
.209
3x Ø.021
.016
Ø.105
.095
.048
.028
.046
.036
45°
1
3
.030 MAX
2


Similar Part No. - SCR008

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SCR008 SSDI-SCR008_15 Datasheet
150Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - SCR008

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com