Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0023 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0023
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0023 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0023 Datasheet HTML 1Page - Solid States Devices, Inc SH0023 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Ave. * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
1mA
Reverse Leakage Current
(Rated VR , TA = 100
oC, 300
:s min Pulse)
5
IR2
pF
350
CJ
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
Reverse Leakage Current
(Rated VR , TA = 25
oC, 300
:s min Pulse)
IR1
:A
CASE OUTLINE: JEDEC TO-5
Electrical Characteristics (per leg)
SYMBOL
UNITS
MAXIMUM
VF1
VF2
VF3
0.48
0.56
0.68
Instantaneous Forward Voltage Drop 1/
(TA = 25
oC, 300 - 500
:s Pulse)
VDC
100
SSR0845CA/5
VF4
0.63
Instantaneous Forward Voltage Drop
(IF = 2 ADC, TA = -55
oC, 300 - 500
:s Pulse)
VDC
IF = 1 ADC
IF = 2 ADC
IF = 4 ADC
PIN OUT:
PIN 1: CATHODE
PIN 2: CATHODE
PIN 3: ANODE
CASE: ANODE
APPLICATION NOTES:
1/ VF as measured between Pins 1 and 2 within .100" from the
case, and Pin 3 directly at the case.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com