Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0043D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0043D
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0043D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0043D Datasheet HTML 1Page - Solid States Devices, Inc SH0043D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0043D
DOC
ELECTRICAL CHARACTERISTICS 3/ 4/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, Pulse)
IF = 10 A
IF = 20 A
IF = 30 A
IF = 40 A
VF1
VF2
VF3
VF4
––
––
––
––
1.10
1.20
1.35
1.45
1.25
1.35
1.50
1.65
VDC
Instantaneous Forward Voltage Drop
(TA=150ºC, Pulse)
IF = 10 A
IF = 20 A
IF = 30 A
IF = 40 A
VF5
VF6
VF7
VF8
––
––
––
––
1.15
1.27
1.73
1.97
-
1.50
-
2.30
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, Pulsed)
IF = 10 A
IF = 20 A
IF = 30 A
IF = 40 A
VF9
VF10
VF11
VF12
––
––
––
––
1.10
1.15
1.25
1.40
-
1.30
-
1.60
VDC
Reverse Leakage Current
(Rated VR, Pulsed)
TA = 25ºC
TA = 125ºC
TA = 150ºC
TA = 175ºC
IR1
IR2
IR3
IR4
––
30
40
50
60
100
-
500
-
A
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25
oC)
CJ
––
1500
2000
pF
NOTES:
* Pulse Test: Pulse Width = 300 usec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
4/ Terminal Pads 1 & 3 must be connected together for testing and at the Board Level.
Available Part Numbers:
SSR40C100S1
SSR40C120S1
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
SMD1
Anode
Cathode
Anode
SMD1 Outline:
Tolerances (Unless Specified):
.XX = ±.030”
.XXX = ±.010”
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR40C100S1
SSR40C120S1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com