Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDF1CS Datasheet(PDF) 1 Page - General Semiconductor

Part # EDF1CS
Description  MINIATURE GLASS PASSIVATED FAST EFFICIENT SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

EDF1CS Datasheet(HTML) 1 Page - General Semiconductor

  EDF1CS Datasheet HTML 1Page - General Semiconductor EDF1CS Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
EDF1AS THRU EDF1DS
MINIATURE GLASS PASSIVATED FAST EFFICIENT
SURFACE MOUNT BRIDGE RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL listed under Recognized Component Index,
file number E54214
♦ Glass passivated chip junctions
♦ High surge overload rating-
50 amperes peak
♦ Ideal for printed circuit boards
♦ Superfast recovery times for high efficiency
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
EDF1AS
EDF1BS
EDF1CS
EDF1DS
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
106
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward output
rectified current at TA=40°C (NOTE 2)
I(AV)
1.0
Amp
Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method) TJ=150°C
IFSM
50.0
Amps
Rating for fusing (t < 8.3ms)
I2t
10.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.05
Volts
Maximum DC reverse current
TA=25°C
5.0
µA
at rated DC blocking voltage
TA=125°C
IR
1.0
mA
Maximum reverse recovery time (NOTE 1)
trr
50.0
ns
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
38.0
R
ΘJL
12.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Units mounted on P.C.B. with 0.51 x 0.51” (13 x 13mm) copper pads
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45
o
0.386 (9.80)
Case Style DFS
Dimensions in inches and (millimeters)


Similar Part No. - EDF1CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EDF1CS VISHAY-EDF1CS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
EDF1CS VISHAY-EDF1CS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast
19-Aug-13
EDF1CS VISHAY-EDF1CS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
EDF1CS VISHAY-EDF1CS Datasheet
95Kb / 5P
Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers
09-Jul-2020
EDF1CS-E3/45 VISHAY-EDF1CS-E3/45 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
More results

Similar Description - EDF1CS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYM07-50 GE-BYM07-50 Datasheet
85Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
BYM12-50 GE-BYM12-50 Datasheet
65Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
EDF1AM GE-EDF1AM Datasheet
36Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
MBCR10D ZOWIE-MBCR10D Datasheet
97Kb / 2P
MINIATURE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
EIC discrete Semiconduc...
RMB2S EIC-RMB2S Datasheet
43Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
logo
Vishay Siliconix
MB2S VISHAY-MB2S_13 Datasheet
76Kb / 3P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
19-Aug-13
logo
Zibo Seno Electronic En...
HDBL101G ZSELEC-HDBL101G Datasheet
139Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENT BRIDGE RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
RMB2S VISHAY-RMB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com