Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0064B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0064B
Description  POWER SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0064B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0064B Datasheet HTML 1Page - Solid States Devices, Inc SH0064B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0064B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SED40
SSR40 ___ ___ ___
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Voltage
150 = 150 V
200 = 200 V
Package
KB = Sedpack 2
KE = Sedpack 2 with Lead
KF = Sedpack 2 with Lead,
Reverse Polarity
G = Cerpack
SED40KB200 and
SSR40G200 SERIES
40 AMPS
200 VOLTS
POWER SCHOTTKY DIODE
FEATURES:
 Low Reverse Leakage
 Low Forward Voltage Drop
 Hermetically Sealed Surface Mount Package
 Guard Ring for Overvoltage Protection
 Eutectic Die Attach
TX, TXV, and Space Level Screening
Available. Contact Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SED40__150, SSR40G150
SED40__200, SSR40G200
VRRM
VRWM
VR
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & TSTG -55 to +150
oC
Maximum Thermal Resistance
Junction to Case
KE, KB, G
KF
RJC
1.5
3.5
oC/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
(KB)
SEDPACK 2
(KE)
(KF)
CERPACK
(G)


Similar Part No. - SH0064B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
40 AMPS 200 VOLTS POWER SCHOTTKY DIODE
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results

Similar Description - SH0064B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
logo
STMicroelectronics
STPS20200C STMICROELECTRONICS-STPS20200C Datasheet
422Kb / 15P
Power Schottky diode
16-Oct-2013
logo
Solid States Devices, I...
SH0034 SSDI-SH0034 Datasheet
153Kb / 2P
SCHOTTKY POWER DIODE
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
Power Schottky Diode
1N8028-GA GENESIC-1N8028-GA Datasheet
796Kb / 5P
Power Schottky Diode
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
Power Schottky Diode
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com