Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH0065B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0065B
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0065B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0065B Datasheet HTML 1Page - Solid States Devices, Inc SH0065B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0065B
DOC
ELECTRICAL CHARACTERISTICS per leg Symbol
-55
25
100
125
150
Unit
Instantaneous Forward Voltage Drop
typical
(IF =5 Amps, 300 sec Pulse)
maximum
VF
770
-
700
800
580
-
540
650
500
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =15 Amps, 300 sec Pulse)
maximum
VF
1000
-
840
930
740
-
710
800
680
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =25 Amps, 300 sec Pulse)
maximum
VF
1300
-
950
1050
870
-
850
950
820
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =40 Amps, 300 sec Pulse)
maximum
VF
1600
-
1075
1200
1040
-
1000
1100
980
-
mVolts
Reverse Leakage Current
typical
(Rated VR, 300 sec pulse minimum)
maximum
IR
0.0001
-
0.002
0.01
0.6
-
3
10
10
-
mA
Junction Capacitance
typical
(VR =10 VDC, TA = 25
oC, f = 1 MHz)
maximum
CJ
-
400
500
-
-
-
pF
Case Outline: TO-257
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR40150J
SSR40200J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com