Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 1 Page - General Semiconductor

Part # ES2F
Description  SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

ES2F Datasheet(HTML) 1 Page - General Semiconductor

  ES2F Datasheet HTML 1Page - General Semiconductor ES2F Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2F AND ES2G
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 300 to 400 Volts
Forward Current - 2.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ Low profile package
♦ Built-in strain relief
♦ Ideal for automated placement
♦ Easy pick and place
♦ Glass passivated chip junction
♦ Superfast recovery times for high efficiency
♦ Low power loss, high efficiency
♦ High temperature soldering:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body
over passivated chip
Terminals: Solder plated solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
ES2F
ES2G
UNITS
Device marking code
EF
EG
Maximum repetitive peak reverse voltage
VRRM
300
400
Volts
Working peak reverse voltage
VRWM
225
300
Volts
Maximum RMS voltage
VRMS
210
280
Volts
Maximum DC blocking voltage
VDC
300
400
Volts
Maximum average forward rectified current
at TL=110°C
I(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
50
Amps
rated load (JEDEC Method) at TL=110°C
Maximum instantaneous forward voltage at 2.0A
VF
1.10
Volts
Maximum DC reverse current
TA=25°C
10
at working peak reverse voltage
TA=100°C
IR
200
µA
Maximum reverse recovery time (NOTE 1)
trr
35
ns
Maximum reverse recovery time (NOTE 2)
trr
50
ns
Maximum reverse recovery current (NOTE 2)
IRM
3.0
Amps
Maximum stored charge (NOTE 2)
Qrr
50
nC
Typical junction capacitance (NOTE 3)
CJ
15
pF
Typical thermal resistance (NOTE 4)
R
ΘJA
75
R
ΘJL
25
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR= I.0A, lrr=0.25A
(2) Measured at IF=1.0A, di/dt=100A/
µs, VR=30V, Irr=0.1IRM
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Units mounted on P.C.B. 5.0 x 5.0mm (0.013mm thick) land areas
NOTICE: Advanced product information is subject to change without notice
4/98
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.205 (5.21)
0.220 (5.59)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
0.130 (3.30)
0.155 (3.94)
MAX.
DO-214AA
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
Vishay Siliconix
ES2F VISHAY-ES2F Datasheet
104Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
20-Nov-07
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
ES1A GE-ES1A Datasheet
80Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
ES2A GE-ES2A Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
ES3A GE-ES3A Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Guangdong Kexin Industr...
KS1A KEXIN-KS1A Datasheet
43Kb / 1P
Surface Mount Ultrafast Efficient Plastic Rectifier
logo
SUNMATE electronic Co.,...
ES2F SUNMATE-ES2F Datasheet
370Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
ES3F SUNMATE-ES3F Datasheet
334Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com