Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR006
Description  PRECISION SHUNT REGULATOR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR006 Datasheet HTML 1Page - Solid States Devices, Inc SVR006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
t
o
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage
(IR = 1 mA)
25
VZ
2.465
2.500
2.515
Volts
Reverse Breakdown Change with Current
(400
μA < IR < 10 mA)
25
*
ΔV
Z
ΔI
R
––
2.6
3.0
10
12
mV
Reverse Dynamic Impedance
5/
(IR = 1 mA)
25
*
rZ
––
0.2
0.4
1.0
1.4
Ω
Change in Reference Voltage with Temperature
(TMIN < TA < TMAX)
*
––
––
12
20
mV
Average Temperature Coefficient
5/, 6/
(0
oC < T
A < 70
oC)
ΔV
Z/VZ
Temp
––
15
25
ppm/
oC
SCHEMATIC:
TYPICAL APPLICATION:
NOTES:
Full Temperature Range
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines and Led Bend Options Contact Factory.
4/ Absolute Maximum Ratings Are Those Values Beyond Which the Life of a Device May Be Impaired
5/ Guaranteed by Design.
6/ Average Temperature Coefficient is Defines as the Proportional Voltage
Change Divided by the Specified Temperature Change.
7/ + 5% Trim Range. Resistance Does Not Affect Temperature Coefficient.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SVR1009
SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com