Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE5B Datasheet(PDF) 1 Page - General Semiconductor

Part # FE5B
Description  GLASS PASSIVATED FAST EFFICIENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FE5B Datasheet(HTML) 1 Page - General Semiconductor

  FE5B Datasheet HTML 1Page - General Semiconductor FE5B Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE5A THRU FE5D
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 5.0 Amperes
FEATURES
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Super fast recovery time for high efficiency
♦ Low forward voltage, high current capability
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Hermetically sealed
package
♦ Low leakage current
♦ High surge current capability
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.037 ounce, 1.04 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
.
SYMBOLS
FE5A
FE5B
FE5C
FE5D
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=55°C
I(AV)
5.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
135.0
Amps
on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
VF
0.95
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Maximum reverse recovery time (NOTE 1)
trr
35.0
ns
Typical junction capacitance (NOTE 2)
CJ
100.0
pF
Typical thermal resistance (NOTE 3, 4)
R
ΘJA
55.0
R
ΘJL
20.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
(3) Thermal resistance from junction to lead at 0.375" (9.5mm) lead length with both leads attached to heatsinks
(4) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length and mounted on P.C.B.
4/98
0.180 (4.6)
0.115 (2.9)
0.042 (1.07)
0.038 (0.962)
DIA.
DIA.
MAX.
0.300 (7.6)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
Case Style G4
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - FE5B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FE5B VISHAY-FE5B Datasheet
166Kb / 6P
Ultra Fast Sinterglass Diode
11-Aug-04
logo
Gulf Semiconductor
FE5B GULFSEMI-FE5B Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION SUPERFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 5.0A
logo
New Jersey Semi-Conduct...
FE5B NJSEMI-FE5B Datasheet
88Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - FE5B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV26D GE-BYV26D Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV27-50 GE-BYV27-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV28-50 GE-BYV28-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP10A GE-EGP10A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP20A GE-EGP20A Datasheet
61Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE1A GE-FE1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE3A GE-FE3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
GI1001 GE-GI1001 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1101 NJSEMI-GI1101 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com