Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7171 Datasheet(HTML) 2 Page - Texas Instruments

  LM7171 Datasheet HTML 1Page - Texas Instruments LM7171 Datasheet HTML 2Page - Texas Instruments LM7171 Datasheet HTML 3Page - Texas Instruments LM7171 Datasheet HTML 4Page - Texas Instruments LM7171 Datasheet HTML 5Page - Texas Instruments LM7171 Datasheet HTML 6Page - Texas Instruments LM7171 Datasheet HTML 7Page - Texas Instruments LM7171 Datasheet HTML 8Page - Texas Instruments LM7171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM7171
SNOS760C – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
7.2
Circuit Operation ..................................................... 18
1
Features .................................................................. 1
7.3
Slew Rate Characteristic......................................... 18
2
Applications ........................................................... 1
7.4
Slew Rate Limitation ............................................... 18
3
Description ............................................................. 1
7.5
Compensation For Input Capacitance .................... 19
4
Revision History..................................................... 2
7.6
Application Circuit ................................................... 19
5
Pin Configuration and Functions ......................... 3
8
Power Supply Recommendations ...................... 21
6
Specifications......................................................... 4
8.1
Power Supply Bypassing ........................................ 21
6.1
Absolute Maximum Ratings ...................................... 4
8.2
Termination ............................................................. 22
6.2
Handling Ratings....................................................... 4
8.3
Driving Capacitive Loads ........................................ 23
6.3
Recommended Operating Conditions ....................... 4
8.4
Power Dissipation ................................................... 24
6.4
Thermal Information .................................................. 4
9
Layout ................................................................... 25
6.5
±15V DC Electrical Characteristics .......................... 5
9.1
Layout Guidelines ................................................... 25
6.6
±15V AC Electrical Characteristics .......................... 6
10
Device and Documentation Support ................. 26
6.7
±5V DC Electrical Characteristics ............................ 7
10.1
Trademarks ........................................................... 26
6.8
±5V AC Electrical Characteristics ............................ 8
10.2
Electrostatic Discharge Caution ............................ 26
6.9
Typical Performance Characteristics ........................ 9
10.3
Glossary ................................................................ 26
7
Application and Implementation ........................ 18
11
Mechanical, Packaging, and Orderable
7.1
Application Information............................................ 18
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2013) to Revision C
Page
•
Changed data sheet flow and layout to conform with new TI standards. Added the following sections: Device
Information Table, Application and Implementation; Layout; Device and Documentation Support; Mechanical,
Packaging, and Ordering Information .................................................................................................................................... 1
•
Changed "Junction Temperature Range" to " Operating Temperature Range" and deleted TJ ............................................ 4
•
Deleted TJ = 25°C for Electrical Characteristics tables .......................................................................................................... 5
Changes from Revision A (March 2013) to Revision B
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 20
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com