Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE6D Datasheet(PDF) 1 Page - General Semiconductor

Part # FE6D
Description  GLASS PASSIVATED FAST EFFICIENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FE6D Datasheet(HTML) 1 Page - General Semiconductor

  FE6D Datasheet HTML 1Page - General Semiconductor FE6D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE6A THRU FE6D
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 6.0 Amperes
FEATURES
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Superfast recovery time-for high efficiency
♦ Low forward voltage, high current capability
♦ Capable of meeting environmental standards
of MIL-S-19500
♦ Hermetically sealed package
♦ Low leakage current
♦ High surge current capability
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs, (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.037 ounce, 1.04 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
.
SYMBOLS
FE6A
FE6B
FE6C
FE6D
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=55°C
I(AV)
6.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
135.0
Amps
on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 6.0A
VF
0.975
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Maximum reverse recovery time (NOTE 1)
trr
35.0
ns
Typical junction capacitance (NOTE 2)
CJ
100.0
pF
Typical thermal resistance (NOTE 3, 4)
R
ΘJA
55.0
R
ΘJL
18.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to lead at 0.375" (9.5mm) lead length with both leads attached to heatsinks
(4) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length and mounted on P.C.B.
4/98
0.180 (4.6)
0.115 (2.9)
0.042 (1.07)
0.038 (0.962)
DIA.
DIA.
MAX.
0.300 (7.6)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
Case Style G4
Dimensions in inches and (millimeters)
*Brazed lead assembly is covered by Patent No. 3,930,306


Similar Part No. - FE6D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE6D DIOTEC-FE6D Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
FE6D DIOTEC-FE6D Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE6D DIOTEC-FE6D Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
More results

Similar Description - FE6D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV26D GE-BYV26D Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV27-50 GE-BYV27-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV28-50 GE-BYV28-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP10A GE-EGP10A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP20A GE-EGP20A Datasheet
61Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE1A GE-FE1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE3A GE-FE3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
GI1001 GE-GI1001 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1101 NJSEMI-GI1101 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com