Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP30CP Datasheet(PDF) 1 Page - General Semiconductor

Part # FEP30CP
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FEP30CP Datasheet(HTML) 1 Page - General Semiconductor

  FEP30CP Datasheet HTML 1Page - General Semiconductor FEP30CP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
FEP30AP THRU FEP30JP
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 30.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Dual rectifier construction, positive center-tap
♦ Glass passivated chip junctions
♦ Superfast recovery times for high efficiency
♦ Low forward voltage,
high current capability
♦ Low thermal resistance
♦ Low power loss
♦ High temperature soldering guaranteed:
250°C, 0.16” (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-247AD molded plastic body over
passivated chips
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in. - lbs. max.
Weight: 0.22 ounce, 6.3 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
FEP
FEP
FEP
FEP
FEP
FEP
FEP
FEP
SYMBOLS
30AP
30BP
30CP
30DP
30FP
30GP
30HP
30JP
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
Volts
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
Volts
Maximum average forward rectified current
at TC=100°C
I(AV)
30.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
300.0
Amps
on rated load (JEDEC Method) at TC=100°C
Maximum instantaneous forward voltage per leg
at 15.0A
VF
0.95
1.3
1.5
Volts
Maximum DC reverse current
TC=25°C
10.0
at rated DC blocking voltage
TC=100°C
IR
500.0
µA
Maximum reverse recovery time time (NOTE 1)
per leg
trr
35.0
50.0
ns
Typical junction capacitance per leg (NOTE 2)
CJ
175.0
145.0
pF
Typical thermal resistance (NOTE 3)R
ΘJC
1.0
°C/W
Operating storage and temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to case per leg mounted on heatsink
PIN 1
PIN 3
CASE
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 REF
(1.98)
0.203 (5.16)
0.193 (4.90)
10
o TYP.
BOTH SIDES
30o
10
o
1
o
REF.
0.118 (3.0)
0.108 (2.7)
0.030 (0.76)
0.020 (0.51)
BOTH SIDES
PIN 2
TO-247AD
Dimensions in inches and (millimeters)


Similar Part No. - FEP30CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FEP30CP VISHAY-FEP30CP Datasheet
76Kb / 4P
Dual Common Cathode Ultrafast Rectifier
08-Apr-10
More results

Similar Description - FEP30CP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com