Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP6 Datasheet(PDF) 1 Page - General Semiconductor

Part # FEP6
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FEP6 Datasheet(HTML) 1 Page - General Semiconductor

  FEP6 Datasheet HTML 1Page - General Semiconductor FEP6 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEP6AT THRU FEP6DT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 6.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Dual rectifier construction, positive center-tap
♦ Glass passivated chip junctions
♦ Superfast recovery times for high efficiency
♦ Low power loss
♦ Low forward voltage, high current capability
♦ For use in low voltage, high frequency inverters,
free wheeling and polarity protection applications
♦ High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body over
passivated chips
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lb. max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
FEP6AT
FEP6BT
FEP6CT
FEP6DT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current at TC=100°
I(AV)
6.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage
per leg at 3.0A
VF
0.975
Volts
Maximum DC reverse current
TC=25°C
5.0
at rated DC blocking voltage
TC=100°C
IR
50.0
µA
Maximum reverse recovery time per leg (NOTE 1)
trr
35.0
ns
Typical thermal resistance (NOTE 2)
R
ΘJA
20.0
°C/W
(NOTE 3)
R
ΘJC
3.6
Typical junction capacitance per leg (NOTE 4)
CJ
28.0
pF
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, Ir=1.0A, Irr=0.25A
(2) Thermal resistance from junction to ambient in free air, no heatsink
(3) Thermal resistance from junction to case per leg mounted on heatsink
(4) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
4/98
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)
Dimensions are in inches and (millimeters)
TO-220AB


Similar Part No. - FEP6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FEP6AT VISHAY-FEP6AT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
FEP6BT VISHAY-FEP6BT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
FEP6CT VISHAY-FEP6CT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
FEP6DT VISHAY-FEP6DT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
logo
Inchange Semiconductor ...
FEP6DT ISC-FEP6DT Datasheet
243Kb / 2P
Fast Rectifier
More results

Similar Description - FEP6

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP30AP GE-FEP30AP Datasheet
73Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com