Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR357-2 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR357-2
Description  SHIELDED SMD INDUCTOR DR357-2 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR357-2 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR357-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
May 23, 2010
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD INDUCTOR DR357-2 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 4.7µH to 150.0µH
Operating Temp. -40°C to +105°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  30%
DCR
(
) Max.
Irms
(A) Max.
Isat
(A) Max.
DR357-2-472
4.7
0.030
3.30
4.00
DR357-2-682
6.8
0.035
3.15
3.20
DR357-2-822
8.2
0.050
2.50
3.00
DR357-2-103
10.0
0.058
2.40
2.70
DR357-2-123
12.0
0.072
2.10
2.40
DR357-2-153
15.0
0.087
2.05
2.20
DR357-2-183
18.0
0.116
1.50
2.00
DR357-2-223
22.0
0.145
1.20
1.80
DR357-2-273
27.0
0.176
1.15
1.65
DR357-2-333
33.0
0.213
1.10
1.48
DR357-2-393
39.0
0.269
1.00
1.35
DR357-2-473
47.0
0.299
0.90
1.20
DR357-2-563
56.0
0.336
0.78
1.15
DR357-2-683
68.0
0.451
0.68
1.05
DR357-2-823
82.0
0.514
0.63
0.95
DR357-2-104
100.0
0.700
0.56
0.85
DR357-2-124
120.0
0.765
0.53
0.76
DR357-2-154
150.0
0.876
0.51
0.70
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irms for an approximate 40C temperature rise
5.
Isat for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 1000 pcs/reel
7.
For non-RoHS parts replace DR prefix with 42- (e.g. DR357-2 becomes 42-357-2)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR357-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR357-2-103 DATATRONICS-DR357-2-103 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
DR357-2-104 DATATRONICS-DR357-2-104 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
DR357-2-123 DATATRONICS-DR357-2-123 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
DR357-2-124 DATATRONICS-DR357-2-124 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
DR357-2-153 DATATRONICS-DR357-2-153 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
More results

Similar Description - DR357-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR347-2 DATATRONICS-DR347-2_14 Datasheet
80Kb / 1P
SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES
DR350-2 DATATRONICS-DR350-2_14 Datasheet
95Kb / 1P
SHIELDED SMD INDUCTOR DR350-2 SERIES
DR357-1 DATATRONICS-DR357-1_14 Datasheet
97Kb / 1P
SHIELDED SMD INDUCTOR DR357-1 SERIES
DR357-3 DATATRONICS-DR357-3_14 Datasheet
104Kb / 1P
SHIELDED SMD INDUCTOR DR357-3 SERIES
DR357-4 DATATRONICS-DR357-4_14 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
DR358-2 DATATRONICS-DR358-2_14 Datasheet
163Kb / 1P
SHIELDED SMD INDUCTOR DR358-2 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com