Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR357-3-382 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR357-3-382
Description  SHIELDED SMD INDUCTOR DR357-3 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR357-3-382 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR357-3-382 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 3, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
SHIELDED SMD INDUCTOR DR357-3 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.3µH to 330.0µH
Operating Temp. -40°C to +105°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  30%
DCR
(
) Max.
I rated
(A) Max.
DR357-3-132
1.3
0.008
10.00
DR357-3-252
2.5
0.010
7.50
DR357-3-382
3.8
0.013
6.00
DR357-3-522
5.2
0.022
5.50
DR357-3-702
7.0
0.027
4.80
DR357-3-103
10.0
0.035
4.40
DR357-3-153
15.0
0.050
3.60
DR357-3-223
22.0
0.073
2.90
DR357-3-333
33.0
0.093
2.30
DR357-3-473
47.0
0.128
2.10
DR357-3-683
68.0
0.213
1.50
DR357-3-104
100.0
0.304
1.35
DR357-3-154
150.0
0.506
1.15
DR357-3-224
220.0
0.756
0.92
DR357-3-334
330.0
1.090
0.70
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
For non-RoHS parts, replace DR prefix with 42- (e.g. DR357-3 becomes 42-357-3)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR357-3-382

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR357-3-382 DATATRONICS-DR357-3-382 Datasheet
107Kb / 1P
SHIELDED SMD INDUCTOR
More results

Similar Description - DR357-3-382

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-3 SERIES
DR357-1 DATATRONICS-DR357-1_14 Datasheet
97Kb / 1P
SHIELDED SMD INDUCTOR DR357-1 SERIES
DR357-2 DATATRONICS-DR357-2_14 Datasheet
105Kb / 1P
SHIELDED SMD INDUCTOR DR357-2 SERIES
DR357-4 DATATRONICS-DR357-4_14 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
DR358-3 DATATRONICS-DR358-3_14 Datasheet
99Kb / 1P
SHIELDED SMD INDUCTOR DR358-3 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com