Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES16AT Datasheet(PDF) 1 Page - General Semiconductor

Part # FES16AT
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FES16AT Datasheet(HTML) 1 Page - General Semiconductor

  FES16AT Datasheet HTML 1Page - General Semiconductor FES16AT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
FES16AT THRU FES16JT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 16.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low power loss
♦ Low forward voltage, high current capability
♦ High surge current capability
♦ Superfast recovery time, for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-220AC molded plastic body over
passivated chips
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.064 ounce, 1.81 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
FES
FES
FES
FES
FES
FES
FES
FES
SYMBOLS 16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600 Volts
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420 Volts
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600 Volts
Maximum average forward rectified current
at TC=100°C
I(AV)
16.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
250.0
Amps
on rated load (JEDEC Method) at TC=100°C
Maximum instantaneous forward voltage at 16A
VF
0.975
1.3
1.5
Volts
Maximum DC reverse current
TC=25°C
10.0
at rated DC blocking voltage
TC=100°C
IR
500.0
µA
Maximum reverse recovery time (NOTE1)
trr
35.0
50.0
ns
Typical junction capacitance (NOTE 2)
CJ
175.0
145.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
16.0
R
ΘJC
1.2
°C/W
Operating and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to case and ambient mounted on heatsink
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN
PIN 1
PIN 2
CASE
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
TO-220AC
Dimensions in inches and (millimeters)


Similar Part No. - FES16AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
FES16AT VISHAY-FES16AT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
FES16AT EIC-FES16AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT Datasheet
50Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
Vishay Siliconix
FES16AT VISHAY-FES16AT Datasheet
143Kb / 5P
Ultrafast Plastic Rectifier
07-Jan-08
More results

Similar Description - FES16AT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com