Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR357-1-393 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR357-1-393
Description  SHIELDED SMD INDUCTOR DR357-1 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR357-1-393 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR357-1-393 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 17, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD INDUCTOR DR357-1 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 2.5µH to 100.0µH
Operating Temp. -40°C to +105°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  30%
DCR
(
) Max.
I rated
(A) Max.
DR357-1-252
2.5
0.018
2.60
DR357-1-332
3.3
0.020
2.30
DR357-1-402
4.0
0.027
2.10
DR357-1-502
5.0
0.031
1.85
DR357-1-602
6.0
0.042
1.70
DR357-1-802
8.0
0.050
1.50
DR357-1-103
10.0
0.054
1.30
DR357-1-123
12.0
0.072
1.20
DR357-1-153
15.0
0.082
1.10
DR357-1-183
18.0
0.102
1.05
DR357-1-223
22.0
0.119
0.95
DR357-1-273
27.0
0.146
0.85
DR357-1-333
33.0
0.183
0.76
DR357-1-393
39.0
0.210
0.68
DR357-1-473
47.0
0.230
0.60
DR357-1-563
56.0
0.350
0.55
DR357-1-683
68.0
0.351
0.48
DR357-1-823
82.0
0.419
0.45
DR357-1-104
100.0
0.520
0.40
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 2000 pcs/reel
7.
For non-RoHS parts, replace DR prefix with 42- (e.g. DR357-1 becomes 42-357-1)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR357-1-393

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR357-1-393 DATATRONICS-DR357-1-393 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
More results

Similar Description - DR357-1-393

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
SHIELDED SMD INDUCTOR
DR350-1 DATATRONICS-DR350-1_14 Datasheet
95Kb / 1P
SHIELDED SMD INDUCTOR DR350-1 SERIES
DR357-2 DATATRONICS-DR357-2_14 Datasheet
105Kb / 1P
SHIELDED SMD INDUCTOR DR357-2 SERIES
DR357-3 DATATRONICS-DR357-3_14 Datasheet
104Kb / 1P
SHIELDED SMD INDUCTOR DR357-3 SERIES
DR357-4 DATATRONICS-DR357-4_14 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
SHIELDED SMD INDUCTOR DR358-1 SERIES
DR359-1 DATATRONICS-DR359-1_14 Datasheet
135Kb / 1P
SHIELDED SMD INDUCTOR/TRANSFORMER DR359-1 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com