Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEPF6DT Datasheet(PDF) 1 Page - General Semiconductor

Part # FEPF6DT
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FEPF6DT Datasheet(HTML) 1 Page - General Semiconductor

  FEPF6DT Datasheet HTML 1Page - General Semiconductor FEPF6DT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEPF6AT THRU FEPF6DT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 6.0 Amperes
FEATURES
♦ Plastic package has carries Underwriters Laboratory
Flammability Classification 94V-0
♦ Dual rectifier construction, positive center-tap
♦ Glass passivated chip junctions
♦ Superfast recovery times for high efficiency
♦ Low power loss
♦ Low forward voltage, high current capability
♦ For use in low voltage, high frequency inverters,
free wheeling and polarity protection applications
♦ High temperature soldering guaranteed:
250°C, 0.25" (6.35mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC ITO-220AB molded plastic body over
passivated chips
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 grams
Mounting Torque: 5 in. - lb. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
FEPF6AT
FEPF6BT
FEPF6CT
FEPF6DT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
TC=100°C
I(AV)
6.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage
per leg at 3.0A
VF
0.975
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Maximum reverse recovery time per leg (NOTE 1)
trr
35.0
ns
Typical thermal resistance (NOTE 2)
R
ΘJC
5.4
°C/W
Typical junction capacitance per leg (NOTE 3)
CJ
28.0
pF
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, Ir=1.0A, Irr=0.25A
(2) Thermal resistance from junction to case per leg mounted on heatsink
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
4/98
Dimensions in inches and (millimeters)
ITO-220AB
0.060 (1.52)
0.405 (10.27)
0.383 (9.72)
0.670 (17.2)
0.646 (16.4)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
PIN 1
PIN 3
PIN 2
1
3
PIN
2
DIA.
DIA.
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - FEPF6DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FEPF6DT-E3 VISHAY-FEPF6DT-E3 Datasheet
151Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
FEPF6DT-E3/45 VISHAY-FEPF6DT-E3/45 Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
FEPF6DTHE3 VISHAY-FEPF6DTHE3 Datasheet
151Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
FEPF6DTHE3/45 VISHAY-FEPF6DTHE3/45 Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
More results

Similar Description - FEPF6DT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com