Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2EX1R5E1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2EX1R5E1
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EX1R5E1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2EX1R5E1 Datasheet HTML 1Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 2Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 3Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 4Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 5Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 6Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 7Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 8Page - Omron Electronics LLC E2EX1R5E1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
E2E
2
Lineup includes models with self-diagnostic output to provide notification of failures and
unstable detection conditions, such as coil burnout.
• Contributes to preventive maintenance to keep the line from stopping.
Reduced wiring, fewer resources, and low power consumption contribute to
environmentalism.
• Wiring work and amount of copper wire used reduced to two thirds of that required for 3-wire models.
• Current consumption drastically reduced to less than 10% (when a DC 2-wire model is compared with a DC 3-wire model).
Lineup includes models with small diameter (3 dia., 4 dia., 5.4 dia., M5)
• All small-diameter models use sealed construction. Operation is stable even when the Sensor is mounted in a small space or embedded in metal.
• Bright indicators enable easily checking the installation condition.
Wide range of ambient operating temperatures:
−40°C to 85°C (M8 to M30 models)
• Wide range of ambient operating temperatures also for small-diameter models: −25°C to 70°C
• Suitable for low-temperature and high-temperature applications, which are troublesome for photoelectric sensors.
Lineup includes models with flexible cable (4-dia. to M30 models)
• Reduced risk of disconnection in applications with moving parts.
3-Wire Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com