Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FES8CT Datasheet(PDF) 1 Page - General Semiconductor

Part # FES8CT
Description  FAST EFFICIENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

FES8CT Datasheet(HTML) 1 Page - General Semiconductor

  FES8CT Datasheet HTML 1Page - General Semiconductor FES8CT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FES8AT THRU FES8JT
FAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated chip junction
♦ Low leakage, high voltage
♦ High surge current capability
♦ Superfast recovery time, for high efficiency
♦ High temperature soldering guaranteed:
250°C, 0.16" (4.06mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-220AC fully overmolded plastic body over
passivated chip
Terminals: Plated lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs. max.
Weight: 0.064 ounce, 1.81 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
FES
FES
FES
FES
FES
FES
FES
FES
SYMBOLS
8AT
8BT
8CT
8DT
8FT
8GT
8HT
8JT
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
500
600 Volts
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420 Volts
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600 Volts
Maximum average forward rectified current
at TC=100°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
125.0
Amps
on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 8.0A
VF
0.95
1.3
1.5
Volts
Maximum DC reverse current
TC=25°C
10.0
at rated DC blocking voltage
at TC=100°C
IR
500.0
µA
Maximum reverse recovery time (NOTE 1)
trr
35.0
50.0
ns
Typical junction capacitance (NOTE 2)
CJ
85.0
60.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
15.0
°C/W
(NOTE 4)
R
ΘJC
2.2
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient in free air, no heatsink
(4) Thermal resistance from junction to case mounted on heatsink
4/98
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN
PIN 1
PIN 2
CASE
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
Dimensions in inches and (millimeters)
TO-220AC


Similar Part No. - FES8CT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FES8CT EIC-FES8CT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
FES8CT VISHAY-FES8CT Datasheet
143Kb / 5P
Ultrafast Plastic Rectifier
07-Nov-07
More results

Similar Description - FES8CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-50 GE-BYVB32-50 Datasheet
84Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESB8AT GE-FESB8AT Datasheet
86Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FESF8AT GE-FESF8AT Datasheet
146Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GI1401 GE-GI1401 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
GIF1401 GE-GIF1401 Datasheet
134Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com