Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments ADS5463IPFP Datasheet HTML 21Page - Texas Instruments ADS5463IPFP Datasheet HTML 22Page - Texas Instruments ADS5463IPFP Datasheet HTML 23Page - Texas Instruments ADS5463IPFP Datasheet HTML 24Page - Texas Instruments ADS5463IPFP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G038
fIN1 = 397.5 MHz, −7 dBFS
fIN2 = 402.5 MHz, −7 dBFS
IMD3 = 87.4 dBFS
SFDR = 83.7 dBc
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
25
50
75 100 125 150 175 200 225 250 275
G039
fIN1 = 647.5 MHz, −7 dBFS
fIN2 = 652.5 MHz, −7 dBFS
IMD3 = 77 dBFS
SFDR = 77 dBc
Code
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0
512
1024 1536 2048 2560 3072 3584 4096
fS = 550 MSPS
fIN = 10 MHz
G040
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024 1536 2048 2560 3072 3584 4096
fS = 550 MSPS
fIN = 10 MHz
G041
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
ADS54RF63 TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 3-VPP differential clock, (unless otherwise noted)
TWO-TONE INTERMODULATION DISTORTION
TWO-TONE INTERMODULATION DISTORTION
FFT FOR 397.5 MHz AND 402.5 MHz AT –7 dBFS
FFT FOR 647.5 MHz AND 652.5 MHz AT –7 dBFS
Figure 31.
Figure 32.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 33.
Figure 34.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com