Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7883SDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7883SDBVT
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7883SDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7883SDBVT Datasheet HTML 3Page - Texas Instruments ADS7883SDBVT Datasheet HTML 4Page - Texas Instruments ADS7883SDBVT Datasheet HTML 5Page - Texas Instruments ADS7883SDBVT Datasheet HTML 6Page - Texas Instruments ADS7883SDBVT Datasheet HTML 7Page - Texas Instruments ADS7883SDBVT Datasheet HTML 8Page - Texas Instruments ADS7883SDBVT Datasheet HTML 9Page - Texas Instruments ADS7883SDBVT Datasheet HTML 10Page - Texas Instruments ADS7883SDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
15
70
125
maxINL,3V,2MSPS
minINL,3V,2MSPS
maxINL,5V,3MSPS
minINL,5V,3MSPS
T -Free AirTemperature-ºC
A
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.4
4.1
4.8
5.5
maxDNL
minDNL
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPSforV
=4.5Vto5.5V,
A
S
DD
f =2MSPSforV
=2.7Vto4.5V
S
DD
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
15
70
125
maxDNL,3V,2MSPS
minDNL,5V,3MSPS
maxDNL,5V,3MSPS
minDNL,3V,2MSPS
T -Free AirTemperature-ºC
A
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.4
4.1
4.8
5.5
maxINL
minINL
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPSforV
=4.5Vto5.5V,
A
S
DD
f =2MSPSforV
=2.7Vto4.5V
S
DD
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
2.7
3.4
4.1
4.8
5.5
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPSforV
=4.5Vto5.5V,
A
S
DD
f =2MSPSforV
=2.7Vto4.5V
S
DD
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-40
15
70
125
5V,3MSPS
2.7V,2MSPS
T -Free AirTemperature-ºC
A
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40
15
70
125
5V,3MSPS
3V,2MSPS
T -Free AirTemperature-ºC
A
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
2.7
3.4
4.1
4.8
5.5
V
-SupplyVoltage-V
DD
T =25ºC,
f =3MSPSforV
=4.5Vto5.5V,
A
S
DD
f =2MSPSforV
=2.7Vto5.5V
S
DD
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
TYPICAL CHARACTERISTICS (continued)
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
Figure 12.
INTEGRAL NONLINEARITY
OFFSET ERROR
OFFSET ERROR
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
GAIN ERROR
GAIN ERROR
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com