Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DC1111 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # 3DC1111
Description  SMD 3D Coil 11x11x3mm Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3DC1111 Datasheet(HTML) 3 Page - DB Lectro Inc

  3DC1111 Datasheet HTML 1Page - DB Lectro Inc 3DC1111 Datasheet HTML 2Page - DB Lectro Inc 3DC1111 Datasheet HTML 3Page - DB Lectro Inc 3DC1111 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3DC1111LP
SMD 3D Coil 11x11x3mm Low Profile
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas. Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: info@grupopremo.com Web http://www.grupopremo.com
Three Axes Transponder Inductors
All rights reserved. Share, use or communication of the contents of this document not permitted without written authorisation.
3
13
±
0.
5
min 24.4
2± 0.5
330± 2
max 30.4
MATERIAL LIST
ITEM
MATERIAL
Reel
Shock-Proof Polystyrol
Carrier tape
PC brown colour 0.3 mm
Cover tape
Polyester
Ao
12.1mm
Bo
13.5mm
Ko
3.5mm
W
24mm
7. Packaging Information
TAPING SPECIFICATION (According to EIA481)
REEL
TAPING
LEADER 400 mm
170 min
170min
600pcs
PARTS PER REEL
330 mmФ
600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com