Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS100 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # LS100
Description  Supports RS232 based serial devices via its DB9 serial port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LS100 Datasheet(HTML) 1 Page - DB Lectro Inc

  LS100 Datasheet HTML 1Page - DB Lectro Inc LS100 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Serial Device Server,
HelloDevice Lite Series,
LS100/LS110
www.sena.com
The HelloDevice Lite Series, LS100/LS110 is a
cost effective Serial Device Server that makes your legacy serial devices
manageable via industry-standard 10Base-T Ethernet network. Based
on open network protocols such as TCP/IP, it gives you ultimate flexibility
to your serial devices. The unique hardware and software design
enables you to connect RS232 serial devices to Ethernet network at a
minimal transition cost.
You could easily configure the HelloDevice LS100/LS110 by using Telnet
or serial console port under the password protection support.
Typical application areas of the HelloDevice LS100/110 include :
- Industrial Automation
- Network management
- Retail/Point of Sale
- Remote metering
- Remote display
- Building automation
- Security/Access control System
- General data acquisition application
- Medical Automation
- Connects legacy serial devices to 10Base-T Ethernet
network
- Supports RS232 based serial devices via its DB9 serial port
- Serial data transfer rate up to 115Kbps
- Reliable TCP/IP protocol stack
- Low-price model for lowest transition cost
- Configuration via Telnet or serial port
- Management software for configuration and administration
included
- Supports both wall and DIN-Rail style mounting
- Surge protector included. (LS110 only)
- Supports RFC 2217, Telnet COM Port Control Protocol.
(LS110 only)
Features
Panel Layout
10 Base-T Ethernet Port
LED Indicators
Locking-type 7.5~15 VDC
Power Input
RS-232 Serial Port
LS100/110


Similar Part No. - LS100

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS100 RSG-LS100 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
List of Unclassifed Man...
LS100 ETC-LS100 Datasheet
442Kb / 2P
serial device manager
logo
RSG Electronic Componen...
LS100-12 RSG-LS100-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS100-12 TDK-LS100-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS100-15 RSG-LS100-15 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
More results

Similar Description - LS100

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
LS100B DBLECTRO-LS100B Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
LS110 DBLECTRO-LS110 Datasheet
298Kb / 2P
Supports RS232 based serial devices via its DB9 serial port
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
logo
Assmann Electronics Inc...
DA-70159 ASSMANN-DA-70159 Datasheet
263Kb / 2P
Connects up to four serial devices simultaneously via USB-Port to a PC
logo
Tripp Lite. All Rights ...
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
logo
Silicon Laboratories
USB-MSD-RD SILABS-USB-MSD-RD Datasheet
1Mb / 20P
Straight DB9 serial cable
logo
Tripp Lite. All Rights ...
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com