Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI502 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI502
Description  GENERAL PURPOSE PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI502 Datasheet(HTML) 2 Page - General Semiconductor

  GI502 Datasheet HTML 1Page - General Semiconductor GI502 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
40
60
80
100
120
140
160
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
110
100
10
100
200
0.4
0.6
0.8
1.0
1.6
1.8
0.01
0.1
10
100
1.2
1.4
1
0.1
1
10
100
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
020
40
60
0.01
0.1
10
100
80
100
1
RATINGS AND CHARACTERISTIC CURVES GI500 THRU GI510
FIG. 1 - FORWARD CURRENT DERATING CURVE
TEMPERATURE, °C
TL = BOTH LEADS to
HEAT SINK MOUNTED
LENGTHS (L) as SHOWN
60HZ
RESISTIVE OR
INDUCTIVE LOAD
NUMBER OF CYCLES AT 60 HZ
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TA=AMBIENT TEMPERATURE
0.375 (9.5mm) LEAD LENGTH
P.C.B. MOUNTING
L = 0.31”(7.9mm)
L=0.25” (6.3mm)
L= 0.50” (12.7mm)
TJ=150°C
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
REPETITIVE
NON-REPETITIVE
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=100°C
TJ=25°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=150°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com